Electronic Components Datasheet Search
  English  ▼

X  

SPT7720 Datasheet(PDF) 7 Page - Cadeka Microcircuits LLC.

Part # SPT7720
Description  8-BIT, 200 MSPS A/D CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7720 Datasheet(HTML) 7 Page - Cadeka Microcircuits LLC.

Back Button SPT7720 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7720 Datasheet HTML 10Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
5/9/01
SPT7720
+A5
10 µF
AIN
AIN
1KW
Interfacing
Logics
+D5
DA0–7
DB0–7
Clock In
.01 µF (9x)
SPT7720
Notes:
1) FB = Ferrite bead. It must placed as close to the DUT as possible.
2) All 0.01 microfarad capacitors are surface mount caps. They must be
placed as close to the respective pin as possible.
FB
VREFOUT
VREFIN
0.1 µF
VIN
(1 VP-P)
+A5
Dual
Mode
Single
Mode
Data
Sync
(+2.5 V typ)
Port A
Port B
0.1 µF
0.1 µF
TYPICAL INTERFACE CIRCUIT
Very few external components are required to achieve the
stated device performance. Figure 3 shows the typical
interface requirements when using the SPT7720 in nor-
mal circuit operation. The following sections provide de-
scriptions of the major functions and outline performance
criteria to consider for achieving the optimal device
performance.
ANALOG INPUT
The input of the SPT7720 can be configured in various
ways depending on whether a single-ended or differential
input is desired.
The AC-coupled input is most conveniently implemented
using a transformer with a center-tapped secondary wind-
ing. The center tap is connected to the VCM pin as shown
in figure 3. To obtain low distortion, it is important that the
selected transformer does not exhibit core saturation at
the full-scale voltage. Proper termination of the input is im-
portant for input signal purity. A small capacitor across the
input attenuates kickback noise from the internal track-
and-hold.
Figure 4 illustrates a solution (based on operational ampli-
fiers) that can be used if a DC-coupled single-ended input
is desired. It is very important to select op amps with a
high open-loop gain, a bandwidth high enough so as not to
impair the performance of the ADC, low THD, and high
SNR.
INPUT PROTECTION
All I/O pads are protected with an on-chip protection
circuit. This circuit provides ESD robustness and prevents
latchup under severe discharge conditions without
degrading analog transmission times.
POWER SUPPLIES AND GROUNDING
The SPT7720 is operated from a single power supply in
the range of 4.75 to 5.25 volts. Normal operation is sug-
gested to be 5.0 volts. All power supply pins should be by-
passed as close to the package as possible.
Figure 3 – Typical Interface Circuit
VCM
R3
(R3)/2
+
–
Input
Voltage
(±0.5 V)
R3
R
R2
R2
+
–
–
+
R
RR
51 W
51 W
R
ADC
VIN+
VIN–
15 pF
51 W
Figure 4 – DC-Coupled Single-Ended to Differential
Conversion (power supplies and bypassing
are not shown)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com