Electronic Components Datasheet Search
  English  ▼

X  

SPT7755 Datasheet(PDF) 7 Page - Cadeka Microcircuits LLC.

Part # SPT7755
Description  8-BIT, 750 MSPS, FLASH A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7755 Datasheet(HTML) 7 Page - Cadeka Microcircuits LLC.

  SPT7755 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7755 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7755 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7755 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7755 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7755 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7755 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7755 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
October 2002
SPT7755
Figure 3 – Subcircuit Schematics
Input Circuit
Output Circuit
Clock Input
AGND
VIN
VEE
VR
AGND
Data Out
DGND
AGND
CLK
VEE
CLK
PACKAGE OUTLINE
80-Lead MQuad
B
F
H
I
K
A
C
D
E
J
G
L
M
Inches
Millimeters
Symbol
Min
Max
Min
Max
A
0.904
0.923
22.95
23.45
B
0.777
0.781
19.74
19.84
C
0.472 typ
12.00 typ
D
0.541
0.545
13.74
13.84
E
0.667
0.687
16.95
17.45
F
0.031 typ
0.80 typ
G
0.012
0.018
0.30
0.45
H
0.109
0.134
2.76
3.40
I
0.010
0.024
0.25
0.60
J
0.724 typ
18.40 typ
K
0.099
0.110
2.51
2.80
L0°
7°
0°
7°
M
0.029
0.041
0.73
1.03



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com