Electronic Components Datasheet Search
  English  ▼

X  

SPT7755 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # SPT7755
Description  8-BIT, 750 MSPS, FLASH A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7755 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  SPT7755 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7755 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7755 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7755 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7755 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7755 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7755 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7755 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
October 2002
SPT7755
TEST LEVEL CODES
All electrical characteristics are subject to the
following conditions:
All parameters having min/max specifications
are guaranteed. The Test Level column indi-
cates the specific device testing actually per-
formed during production and Quality Assur-
ance inspection. Any blank section in the data
column indicates that the specification is not
tested at the specified condition.
Unless otherwise noted, all test are pulsed
tests; therefore, TJ = TC = TA.
LEVEL
TEST PROCEDURE
I
100% production tested at the specified temperature.
II
100% production tested at TA = +25 °C, and sample tested at the
specified temperatures.
III
QA sample tested only at the specified temperatures.
IV
Parameter is guaranteed (but not tested) by design and characteri-
zation data.
VParameter is a typical value for information purposes only.
VI
100% production tested at TA = +25 °C. Parameter is guaranteed
over specified temperature range.
ELECTRICAL SPECIFICATIONS
TJ = TC = TA = +25 °C , VEE=–5.2 V, VRB=–2.0 V, VRM=–1.0 V, VRT=0.00 V, ƒCLK=750 MHz, Duty Cycle=50%, unless otherwise specified.
TEST
TEST
SPT7755A
SPT7755B
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
MIN
TYP
MAX UNITS
Dynamic Performance
Spurious Free Dynamic Range
ƒIN = 50 MHz
I
48
44
dB
ƒIN = 250 MHz
I
40
36
dB
Digital Inputs
Input High Voltage
(CLK, CLK)I
–1.1
–0.7
–1.1
–0.7
V
Input Low Voltage
(CLK, CLK)I
–1.8
–1.5
–1.8
–1.5
V
Clock Pulse Width High (tPWH)I
0.67
0.5
0.67
0.5
ns
Clock Pulse Width Low (tPWL)I
0.67
0.5
0.67
0.5
ns
Digital Outputs
Logic 1 Voltage
I
–1.1
–0.9
–1.1
–0.9
V
Logic 0 Voltage
I
–1.8
–1.5
–1.8
–1.5
V
Rise Time
20% to 80%
V
450
450
ps
Fall Time
20% to 80%
V
450
450
ps
Power Supply Requirements
Voltage VEE
IV
–4.95
–5.2
–5.45
–4.95
–5.2
–5.45 V
Current IEE
I
1.05
1.2
1.05
1.2
A
Power Dissipation
I
5.5
6.25
5.5
6.25
W
Typical Thermal Impedance: θJC = +4 °C/W.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com