Electronic Components Datasheet Search
  English  ▼

X  

SPT7755 Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # SPT7755
Description  8-BIT, 750 MSPS, FLASH A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7755 Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

  SPT7755 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7755 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7755 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7755 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7755 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7755 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7755 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7755 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
October 2002
SPT7755
ORDERING INFORMATION
PART NUMBER
DESCRIPTION
TEMPERATURE RANGE
PACKAGE
SPT7755AIK
ILE = 1.0 LSB
–25 to +85 °C
80L MQuad
SPT7755BIK
ILE = 1.5 LSB
–25 to +85 °C
80L MQuad
PIN ASSIGNMENTS
PIN FUNCTIONS
NAME
FUNCTION
VEE
Negative Supply Nominally –5.2 V
AGND
Analog Ground
VRTF
Reference Voltage Force Top, Nominally 0 V
VRTS
Reference Voltage Sense Top
VRM
Reference Voltage Middle, Nominally –1 V
VRBF
Reference Voltage Force Bottom, Nominally –2 V
VRBS
Reference Voltage Sense Bottom
VIN
Analog Input Voltage, Can Be Either Voltage or
Sense
DGND
Digital Ground
D0–D7A
Data Output Bank A
D0–D7B
Data Output Bank B
DRA
Data Ready Bank A
DRA
Not Data Ready Bank A
DRB
Data Ready Bank B
DRB
Not Data Ready Bank B
D8A
Overrange Output Bank A
D8B
Overrange Output Bank B
CLK
Clock Input
CLK
Clock Input
DGND
D2B
D3B
D4B
VEE
VEE
D5B
DGND
D6B
DGND
D7B
D8B
N/C
N/C
AGND
AGND
AGND
AGND
VEE
VEE
VRBF
VEE
VEE
VRBS
11
1
2
3
4
5
6
7
8
9
10
12
13
14
15
16
17
18
19
20
21
22
23
24
54
64
63
62
61
60
59
58
57
56
55
53
52
51
50
49
48
47
46
45
44
43
42
41
DGND
N/C
N/C
D3A
D2A
VEE
D1A
DGND
D0A
DGND
DRA
DRA
AGND
AGND
CLK
VEE
CLK
VEE
VEE
AGND
AGND
VRTS
VRTF
N/C
MQUAD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com