Electronic Components Datasheet Search
  English  ▼

X  

SPT7755 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # SPT7755
Description  8-BIT, 750 MSPS, FLASH A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7755 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  SPT7755 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7755 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7755 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7755 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7755 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7755 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7755 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7755 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SPT7755
8-BIT, 750 MSPS, FLASH A/D CONVERTER
OCTOBER 2002
FEATURES
• 1:2 Demuxed ECL compatible outputs
• Wide input bandwidth – 900 MHz
•Low input capacitance – 15 pF
• Metastable errors reduced to 1 LSB
• Monolithic for low cost
•Gray code output
APPLICATIONS
• Digital oscilloscopes
•Transient capture
• Radar, EW, ECM
• Direct RF down-conversion
GENERAL DESCRIPTION
The SPT7755 is a full parallel (flash) analog-to-digital con-
verter capable of digitizing full scale (0 to –2 V) inputs into
eight-bit digital words at an update rate of 750 MSPS. The
ECL-compatible outputs are demultiplexed into two sepa-
rate output banks, each with differential data ready out-
puts to ease the task of data capture. The SPT7755’s wide
input bandwidth and low capacitance eliminate the need
for external track-and-hold amplifiers for most applications.
A proprietary decoding scheme reduces metastable errors
to the 1 LSB level. The SPT7755 operates from a single –
5.2 V supply, with a nominal power dissipation of 5.5 W.
The SPT7755 is available in an 80-lead surface-mount
MQuad package over the industrial temperature range
(–25 °C to +85 °C).
256
255
152
151
128
127
64
63
2
1
CLOCK
BUFFER
D0
(LSB)
D1
D2
D3
D4
D5
D6
D7
(MSB)
D8
(OVR)
VRT
Analog
Input
Preamp
Comparator
VRM
VRB
CLK CLK
D8B
D7B
D6B
D5B
D4B
D3B
D2B
D1B
D0B
D8A
D7A
D6A
D5A
D4A
D3A
D2A
D1A
D0A
D8B (OVR)
D7B (MSB)
D6B
D5B
D4B
D3B
D2B
D1B
D0B (LSB)
D8A (OVR)
D7A (MSB)
D6A
D5A
D4A
D3A
D2A
D1A
D0A (LSB)
DRA (DATA READY)
DRA (DATA READY)
DEMUX
CLOCK
BUFFER
DRB (DATA READY)
DRB (DATA READY)
BLOCK DIAGRAM


Similar Part No. - SPT7755

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT7755 ETC1-SPT7755 Datasheet
84Kb / 8P
8-BIT, 750 MSPS FLASH A/D CONVERTER
SPT7755AIK ETC1-SPT7755AIK Datasheet
84Kb / 8P
8-BIT, 750 MSPS FLASH A/D CONVERTER
SPT7755BIK ETC1-SPT7755BIK Datasheet
84Kb / 8P
8-BIT, 750 MSPS FLASH A/D CONVERTER
More results

Similar Description - SPT7755

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
8-bit 125 MSPS Flash A/D Converter
logo
Fairchild Semiconductor
SPT7725 FAIRCHILD-SPT7725 Datasheet
134Kb / 12P
8-BIT, 300 MSPS, FLASH A/D CONVERTER
logo
Intersil Corporation
HI1276 INTERSIL-HI1276 Datasheet
102Kb / 11P
8-Bit, 500 MSPS, Flash A/D Converter
August 1997
HI1386 INTERSIL-HI1386 Datasheet
83Kb / 9P
8-Bit, 75 MSPS, Flash A/D Converter
August 1997
HI1396Y INTERSIL-HI1396Y Datasheet
424Kb / 8P
8-Bit, 125 MSPS Flash A/D Converter
April 1995
HI-5700 INTERSIL-HI-5700 Datasheet
746Kb / 12P
8-Bit, 20 MSPS Flash A/D Converter
May 1997
HI-5700883 INTERSIL-HI-5700883 Datasheet
668Kb / 8P
8-Bit, 20 MSPS Flash A/D Converter
May 1997
logo
List of Unclassifed Man...
SPT7755 ETC1-SPT7755 Datasheet
84Kb / 8P
8-BIT, 750 MSPS FLASH A/D CONVERTER
logo
Intersil Corporation
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
8-Bit, 20 MSPS, Flash A/D Converter
October 25, 2005
logo
Cadeka Microcircuits LL...
CDK1302 CADEKA-CDK1302 Datasheet
1Mb / 9P
8-bit, 750 MSPS, Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com