Electronic Components Datasheet Search
  English  ▼

X  

TMC2242A Datasheet(PDF) 14 Page - Cadeka Microcircuits LLC.

Part # TMC2242A
Description  Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2242A Datasheet(HTML) 14 Page - Cadeka Microcircuits LLC.

Back Button TMC2242A Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC2242A Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC2242A Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC2242A Datasheet HTML 11Page - Cadeka Microcircuits LLC. TMC2242A Datasheet HTML 12Page - Cadeka Microcircuits LLC. TMC2242A Datasheet HTML 13Page - Cadeka Microcircuits LLC. TMC2242A Datasheet HTML 14Page - Cadeka Microcircuits LLC. TMC2242A Datasheet HTML 15Page - Cadeka Microcircuits LLC. TMC2242A Datasheet HTML 16Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
PRODUCT SPECIFICATION
TMC2242A/TMC2242B
14
Mechanical Dimensions – 44-Pin PLCC Package
D
e
E
A
.165
.180
4.19
4.57
Symbol
Inches
Min.
Max.
Min.
Max.
Millimeters
Notes
E1
J
D1
A
A1
A2
B
B1
D3/E3
J
– C –
ccc C
LEAD COPLANARITY
A1
.090
.120
2.29
3.05
A2
.020
.51
——
B
.013
.021
.33
.53
D/E
.685
.695
17.40
17.65
D1/E1
.650
.656
16.51
16.66
D3/E3
.500 BSC
12.7 BSC
e
.050 BSC
1.27 BSC
J
.042
.056
1.07
1.42
2
3
ND/NE
11
11
N44
44
ccc
.004
0.10
——
B1
.026
.032
.66
.81
Notes:
1.
2.
3.
All dimensions and tolerances conform to ANSI Y14.5M-1982
Corner and edge chamfer (J) = 45
¡
Dimension D1 and E1 do not include mold protrusion. Allowable
protrusion is .101" (.25mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com