Electronic Components Datasheet Search
  English  ▼

X  

TMC2242A Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # TMC2242A
Description  Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2242A Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  TMC2242A Datasheet HTML 1Page - Cadeka Microcircuits LLC. TMC2242A Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC2242A Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC2242A Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC2242A Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC2242A Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC2242A Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC2242A Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC2242A Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
PRODUCT SPECIFICATION
TMC2242A/TMC2242B
4
Absolute Maximum Ratings
(beyond which the device may be damaged)1
Notes:
1. Functional operation under any of these conditions is NOT implied. Performance and reliability are guaranteed only if
Operating Conditions are not exceeded.
2. Applied voltage must be current limited to specified range.
3. Forcing voltage must be limited to specified range.
4. Current is specified as conventional current flowing into the device.
Operating Conditions
Parameter
Conditions
Min
Max
Units
Supply Voltage
-0.5
7.0
V
Input Voltage
-0.5
VDD + 0.5
V
Output Applied Voltage2
-0.5
VDD + 0.5
V
Externally Forced Current3,4
-3.0
+6.0
mA
Short Circuit Duration
Single output in HIGH state to ground
1
sec
Operating Temperature (Case)
-20
110
°C
Junction Temperature
140
°C
Lead Soldering Temperature
10 seconds
300
°C
Storage Temperature
-65
150
°C
Parameter
Conditions
Min
Nom
Max
Units
VDD
Power Supply Voltage
4.75
5.0
5.25
V
fCLK
Clock frequency
TMC2242A, B
30
MHz
TMC2242A-1,B-1
40
MHz
TMC2242A-2,B-2
60
MHz
tPWH
CLK pulse width, HIGH
6
ns
tPWL
CLK pulse width, LOW
6
ns
tS
Input Data Set-up Time
6
ns
tH
Input Data Hold Time
1
ns
VIH
Input Voltage, Logic HIGH
2.0
V
VIL
Input Voltage, Logic LOW
0.8
V
IOH
Output Current, Logic HIGH
-2.0
mA
IOL
Output Current, Logic LOW
4.0
mA
TA
Ambient Temperature, Still Air
0
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com