Electronic Components Datasheet Search
  English  ▼

X  

TMC2242A Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # TMC2242A
Description  Digital Half-Band Interpolating/Decimating Filter 12-bit In/16-bit Out, 60 MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2242A Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  TMC2242A Datasheet HTML 1Page - Cadeka Microcircuits LLC. TMC2242A Datasheet HTML 2Page - Cadeka Microcircuits LLC. TMC2242A Datasheet HTML 3Page - Cadeka Microcircuits LLC. TMC2242A Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC2242A Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC2242A Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC2242A Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC2242A Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC2242A Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TMC2242A/TMC2242B
PRODUCT SPECIFICATION
3
Pin Descriptions
Pin Name
Pin Number
Pin Function Description
PLCC
MQFP
Timing Controls
INT
44
38
Interpolate. When INT is LOW and DEC is HIGH, the input data register runs at
1/2 the CLK rate and zeros are inserted in the data stream between valid input
values, reducing gain by 6dB. The TMC2242A and TMC2242B interpolate and
output results at the full CLK rate.
DEC
139
Decimate. When DEC is LOW and INT is HIGH, the input data register runs at
the full CLK rate. In this mode, the TMC2242A and TMC2242B decimate and
output results at 1/2 the CLK rate.
When INT = DEC, the TMC2242A is in equal rate mode. When both INT and DEC
are HIGH, the TMC2242B is likewise in equal-rate mode, but when both INT and
DEC are LOW, the TMC2242B interpolates with unity gain.
In equal-rate mode, the input and output sample rates equal the chip clock rate.
SYNC
43
37
Synchronization. Incoming data are synchronized by holding SYNC HIGH on
CLK N–1 and LOW on CLK N when the first input data word is present on SI11-0.
If DEC = INT=1 (equal rate mode), SYNC is inactive. SYNC may be held LOW
until resynchronization is desired, or it may be toggled at 1/2 the CLK rate.
CLK
42
36
Clock. The TMC2242A and TMC2242B operate from a single master clock. All
internal registers, except the output register in decimation mode, are strobed on
the rising edge of CLK. All timing parameters are referenced to the rising edge of
CLK.
Data Inputs
SI11-0
40,
37-30,
27-25
34,
31-24,
21-19
Input Data Port. A 12-bit 2's-complement input word is registered by the rising
edge of CLK. In Interpolate Mode, SI11-0 is registered on every other CLK
(synchronized by SYNC). SI11 is the MSB.
Data Outputs
SO15-0
4-11,
14-21
42-44,
1-5,
8-15
Output Data Port. A 16-bit 2's-complement output result is available after the
rising edge of CLK. In Decimate Mode, SO15-0 is registered on every other CLK
(synchronized by SYNC). SO15-0 is rounded according to the state of RND2-0.
SO15 is the MSB.
The limiter circuitry ensures that for internal overflow, a valid full-scale output
(7FFF or 8000) will be generated. With the TMC2242B in interpolate mode with
-6dB gain, limits are 3FFF and C000 (TCO=1).
Output Controls
OE
341
Output Enable. When LOW, SO15-0 are enabled. When HIGH, SO15-0 are in a
high-impedance state. OE is asynchronous with respect to CLK.
TCO
2
40
Output Format. When TCO is HIGH, output data are in signed 2's-complement
format. When LOW, the output is inverted offset binary.
RND2-0
22-24
16-18
Rounding Select. These inputs set the position of the effective LSB of the output
result. Outputs below the rounding bit are zeroed (Table 4).
Power
VDD
13,29,
38
7, 23,
32
Supply Voltage. +5 Volt power inputs. These should come from the same power
source and be decoupled to GND.
GND
12,28,
39,41
6, 22,
33, 35
Ground. Ground inputs should be connected to the system digital ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com