Electronic Components Datasheet Search
  English  ▼

X  

MAX314LEUE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX314LEUE
Description  10Ω, Quad, SPST, 3V Logic-Compatible Analog Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX314LEUE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX314LEUE Datasheet HTML 1Page - Maxim Integrated Products MAX314LEUE Datasheet HTML 2Page - Maxim Integrated Products MAX314LEUE Datasheet HTML 3Page - Maxim Integrated Products MAX314LEUE Datasheet HTML 4Page - Maxim Integrated Products MAX314LEUE Datasheet HTML 5Page - Maxim Integrated Products MAX314LEUE Datasheet HTML 6Page - Maxim Integrated Products MAX314LEUE Datasheet HTML 7Page - Maxim Integrated Products MAX314LEUE Datasheet HTML 8Page - Maxim Integrated Products MAX314LEUE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
10
Ω
Ω, Quad, SPST, +3V Logic-Compatible
Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = +15V, V- = -15V, GND = 0, VIH = 2.0V, VIL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA =
+25°C.) (Notes 2, 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages Referenced to GND)
V+ ...........................................................................-0.3V to +44V
V- ............................................................................+0.3V to -44V
V+ to V-...................................................................-0.3V to +44V
VIN_ to V- ................................................................-0.3V to +44V
All Other Pins (Note 1) ..........................(V- - 0.3V) to (V+ + 0.3V)
Continuous Current (COM_, NO_, NC_) ........................±100mA
Peak Current (COM_, NO_, NC_)
(pulsed at 1ms, 10% duty cycle max) ........................±300mA
Continuous Power Dissipation (TA = +70°C)
TSSOP (derate 6.7mW/°C above +70°C) ...................457mW
Narrow SO (derate 8.70mW/°C above +70°C) ...........696mW
Plastic DIP (derate 10.53mW/°C above +70°C) .........842mW
Thin QFN (derate 21.3mW/°C above +70°C).........1702.1mW
Operating Temperature Ranges
MAX31_LC_E .....................................................0°C to +70°C
MAX31_LE_E ..................................................-40°C to +85°C
Storage Temperature Range ............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
Note 1: Signals on COM_, NO_, or NC_ exceeding V+ or V- are clamped by internal diodes. Limit forward-diode current to maximum
current rating.
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Analog Signal Range
VCOM_,
VNO_,
VNC_
V-
V+
V
+25°C
6.5
10
On-Resistance
RON
ICOM_ = 10mA,
VNO_ or VNC_ = ±10V
TMIN to TMAX
15
Ω
+25°C
0.3
1.5
On-Resistance Match Between
Channels (Note 4)
ΔRON
ICOM_ = 10mA,
VNO_ or VNC_ = ±10V
TMIN to TMAX
3
Ω
+25°C
0.2
2
On-Resistance Flatness
(Note 5)
RFLAT(ON)
ICOM_ = 10mA,
VNO_ or VNC_ = -5V, 0, 5V
TMIN to TMAX
4
Ω
+25°C
-0.5
-0.02
0.5
Off-Leakage Current
(NO_ or NC_) (Note 6)
INO
INC
VCOM_ = +10V,
VNO_ or VNC_ = ±10V
TMIN to TMAX
-2.5
2.5
nA
+25°C
-0.5
-0.02
0.5
COM Off-Leakage Current
(Note 6)
ICOM(OFF)
VCOM_ = ±10V,
VNO_ or VNC_ = +10V
TMIN to TMAX
-2.5
2.5
nA
+25°C
-1
-0.04
1
COM On-Leakage Current
(Note 6)
ICOM(ON)
VNO_ or VNC_ = ±10V,
VCOM_ = ±10V
TMIN to TMAX
-5
5
nA
DYNAMIC
+25°C
115
225
Turn-On Time
tON
VCOM_ = ±10V, RL = 300
Ω,
CL = 35pF, Figure 1
TMIN to TMAX
275
ns
+25°C
100
185
Turn-Off Time
tOFF
VCOM_ = ±10V, RL = 300
Ω,
CL = 35pF, Figure 1
TMIN to TMAX
235
ns
Break-Before-Make Time Delay
(MAX314L only, Note 7)
tD
RL = 300
Ω, CL = 35pF,
Figure 2
+25°C
1
10
ns
Charge Injection (Note 7)
Q
VGEN = 0, RGEN = 0,
CL = 1.0nF, Figure 3
+25°C
-30
20
30
pC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com