Electronic Components Datasheet Search
  English  ▼

X  

MAX314LEUE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX314LEUE
Description  10Ω, Quad, SPST, 3V Logic-Compatible Analog Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX314LEUE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX314LEUE Datasheet HTML 1Page - Maxim Integrated Products MAX314LEUE Datasheet HTML 2Page - Maxim Integrated Products MAX314LEUE Datasheet HTML 3Page - Maxim Integrated Products MAX314LEUE Datasheet HTML 4Page - Maxim Integrated Products MAX314LEUE Datasheet HTML 5Page - Maxim Integrated Products MAX314LEUE Datasheet HTML 6Page - Maxim Integrated Products MAX314LEUE Datasheet HTML 7Page - Maxim Integrated Products MAX314LEUE Datasheet HTML 8Page - Maxim Integrated Products MAX314LEUE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
10
Ω
Ω, Quad, SPST, +3V Logic-Compatible
Analog Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single Supply (continued)
(V+ = +12V, V- = 0, GND = 0, VIH = 2.0V, VIL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
(Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
+25°C
0.3
2
On-Resistance Match Between
Channels (Note 4)
ΔRON
ICOM_ = 10mA,
VNO_ or VNC_ = +10V
TMIN to TMAX
2.5
Ω
+25°C
1.7
3.5
On-Resistance Flatness
(Note 5)
RFLAT(ON)
ICOM_ = 10mA,
VNO_ or VNC_ = +2V,
+6V, +10V
TMIN to TMAX
4.5
Ω
DYNAMIC
+25°C
165
325
Turn-On Time
tON
VCOM_ = 8V, RL = 300
Ω,
CL = 35pF, Figure 1
TMIN to TMAX
425
ns
+25°C
117
175
Turn-Off Time
tOFF
VCOM_ = 8V, RL = 300
Ω,
CL = 35pF, Figure 1
TMIN to TMAX
225
ns
Break-Before-Make Time Delay
(MAX314L only, Note 7)
tD
RL = 300
Ω, CL = 35pF,
Figure 2
+25°C
1
5
ns
Charge Injection
Q
Figure 3, CL = 1.0nF,
VGEN = 0, RGEN = 0
+25°C
-10
pC
LOGIC INPUT
Input Logic High
VIH
2.0
V
Input Logic Low
VIL
0.8
V
Input Current with Input Logic
High
IINH
IN_ = 2.0V
-0.5
0.005
0.5
µA
Input Current with Input Logic
Low
IINL
IN_ = 0.8V
-0.5
0.005
0.5
µA
POWER SUPPLY
Power-Supply Range
V+
+4.5
+36
V
+25°C
0.01
1
V+ = +13.2V, VIN = 0 or V+
TMIN to TMAX
5
+25°C
25
125
Positive Supply Current
I+
V+ = +13.2V, VIN = 5V
TMIN to TMAX
175
µA
Note 2: The algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used in
this data sheet.
Note 3: -40°C specifications are guaranteed by design.
Note 4: ΔRON = ΔRON max - ΔRON min.
Note 5: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal range.
Note 6: Leakage parameters are 100% tested at maximum-rated hot temperature and guaranteed by correlation at +25°C.
Note 7: Guaranteed by design.
Note 8: Off-isolation = 20log10 [VCOM/(VNC or VNO)], VCOM = output, VNC or VNO = input to off switch.
Note 9: Between any two switches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com