Electronic Components Datasheet Search
  English  ▼

X  

MAX314LEUE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX314LEUE
Description  10Ω, Quad, SPST, 3V Logic-Compatible Analog Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX314LEUE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX314LEUE Datasheet HTML 1Page - Maxim Integrated Products MAX314LEUE Datasheet HTML 2Page - Maxim Integrated Products MAX314LEUE Datasheet HTML 3Page - Maxim Integrated Products MAX314LEUE Datasheet HTML 4Page - Maxim Integrated Products MAX314LEUE Datasheet HTML 5Page - Maxim Integrated Products MAX314LEUE Datasheet HTML 6Page - Maxim Integrated Products MAX314LEUE Datasheet HTML 7Page - Maxim Integrated Products MAX314LEUE Datasheet HTML 8Page - Maxim Integrated Products MAX314LEUE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
10
Ω
Ω, Quad, SPST, +3V Logic-Compatible
Analog Switches
_______________________________________________________________________________________
5
2
6
4
10
8
14
12
16
ON-RESISTANCE vs. VCOM
(DUAL SUPPLIES)
VCOM (V)
-20
-10
0
10
20
V+ = +5V,
V- = -5V
V+ = +10V,
V- = -10V
V+ = +15V,
V- = -15V
V+ = +20V,
V- = -20V
40
30
20
10
0
010
515
20
ON-RESISTANCE vs. VCOM
(SINGLE SUPPLY)
VCOM (V)
V- = 0
V+ = +5V
V+ = +10V
V+ = +12V
V+ = +15V
V+ = +20V
2
3
4
5
6
7
8
9
10
-15
-5
5
15
ON-RESISTANCE vs. VCOM AND
TEMPERATURE (DUAL SUPPLIES)
VCOM (V)
V+ = +15V,
V- = -15V
TA = +85
°C
TA = +25
°C
TA = -40
°C
TA = +70
°C
0
4
12
8
16
20
ON-RESISTANCE vs. VCOM AND
TEMPERATURE (SINGLE SUPPLY)
VCOM (V)
06
39
12
TA = +85
°C
TA = +70
°C
TA = +25
°C
TA = -40
°C
V+ = +12V,
V- = 0
0.0001
0.001
0.1
0.01
1
10
-40
10
-15
35
60
85
OFF- AND ON-LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
ON-LEAKAGE
OFF-LEAKAGE
V+ = +15V,
V- = -15V,
VCOM = +10V
-60
-20
-40
20
0
60
40
80
-15
-5
0
-10
5
10
15
CHARGE INJECTION
vs. VCOM
VCOM (V)
V+ = +15V,
V- = -15V
V+ = +12V,
V- = 0
0.0000001
0.000001
0.0001
0.00001
0.001
0.01
-40
10
-15
35
60
85
SUPPLY CURRENT vs.
TEMPERATURE
TEMPERATURE (
°C)
V+ = +16.5V
V- = -16.5V
VIN = +16.5V
I+
I-
IGND
0.1
0.01
0.001
0.0001
10
1k
100
10k
100k
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
FREQUENCY (Hz)
V+ = +15V,
V- = -15V,
5VRMS SIGNAL
22kHz BANDWIDTH
RL = 600
Ω
RL = 100k
Ω
MEASUREMENT LIMIT
0
-20
-40
-60
-80
0.1
10
1
100
1000
FREQUENCY RESPONSE
FREQUENCY (MHz)
ON-RESPONSE
OFF-ISOLATION
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com