Electronic Components Datasheet Search
  English  ▼

X  

MAX314LEUE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX314LEUE
Description  10Ω, Quad, SPST, 3V Logic-Compatible Analog Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX314LEUE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX314LEUE Datasheet HTML 1Page - Maxim Integrated Products MAX314LEUE Datasheet HTML 2Page - Maxim Integrated Products MAX314LEUE Datasheet HTML 3Page - Maxim Integrated Products MAX314LEUE Datasheet HTML 4Page - Maxim Integrated Products MAX314LEUE Datasheet HTML 5Page - Maxim Integrated Products MAX314LEUE Datasheet HTML 6Page - Maxim Integrated Products MAX314LEUE Datasheet HTML 7Page - Maxim Integrated Products MAX314LEUE Datasheet HTML 8Page - Maxim Integrated Products MAX314LEUE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
10
Ω
Ω, Quad, SPST, +3V Logic-Compatible
Analog Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = +15V, V- = -15V, GND = 0, VIH = 2.0V, VIL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA =
+25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
Off-Isolation (Note 8)
VISO
f = 1MHz, RL = 50
Ω,
CL = 5pF, Figure 4
+25°C
-75
dB
Crosstalk (Note 9)
VCT
f = 1MHz, RL = 50
Ω,
CL = 5pF, Figure 5
+25°C
-85
dB
NC_ or NO_ Off-Capacitance
COFF
f = 1MHz, Figure 6
+25°C
15
pF
COM_ Off-Capacitance
CCOM_
(OFF)
f = 1MHz, Figure 6
+25°C
15
pF
On-Capacitance
CON
f = 1MHz, Figure 6
+25°C
47
pF
LOGIC INPUT
Input Logic High
VIH
2.0
V
Input Logic Low
VIL
0.8
V
Input Current with Input Logic
High
IINH
IN_ = 2.0V
-0.5
0.005
0.5
µA
Input Current with Input Logic
Low
IINL
IN_ = 0.8V
-0.5
0.005
0.5
µA
POWER SUPPLY
Power-Supply Range
V+, V-
±4.5
±20.0
V
+25°C
0.01
1
V+ = +16.5V, V- = -16.5V,
VIN = 0 or V+
TMIN to TMAX
5
+25°C
130
200
Positive Supply Current
I+
V+ = +16.5V, V- = -16.5V,
VIN = 5V
TMIN to TMAX
300
µA
+25°C
1
Negative Supply Current
I-
V+ = +16.5V, V- = -16.5V,
VIN = 0 or 5V
TMIN to TMAX
5
µA
+25°C
0.01
1
V+ = +16.5V, V- = -16.5V,
VIN = 0 or V+
TMIN to TMAX
5
+25°C
130
200
Ground Current
IGND
V+ = +16.5V, V- = -16.5V,
VIN = 5V
TMIN to TMAX
300
µA
ELECTRICAL CHARACTERISTICS—Single Supply
(V+ = +12V, V- = 0, GND = 0, VIH = 2.0V, VIL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
(Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Analog Signal Range
VCOM_,
VNO_,
VNC_
0V+
V
+25°C
12.5
25
On-Resistance
RON
ICOM_ = 10mA,
VNC_ or VNO_ = +10V
TMIN to TMAX
35
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com