Electronic Components Datasheet Search
  English  ▼

X  

MAX1237 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1237
Description  2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1237 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1237 Datasheet HTML 3Page - Maxim Integrated Products MAX1237 Datasheet HTML 4Page - Maxim Integrated Products MAX1237 Datasheet HTML 5Page - Maxim Integrated Products MAX1237 Datasheet HTML 6Page - Maxim Integrated Products MAX1237 Datasheet HTML 7Page - Maxim Integrated Products MAX1237 Datasheet HTML 8Page - Maxim Integrated Products MAX1237 Datasheet HTML 9Page - Maxim Integrated Products MAX1237 Datasheet HTML 10Page - Maxim Integrated Products MAX1237 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
2.7V to 3.6V and 4.5V to 5.5V, Low-Power,
4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
_______________________________________________________________________________________
7
200
300
250
350
400
450
500
550
600
650
700
750
800
0
20 30 40
60
80
100
AVERAGE SUPPLY CURRENT vs.
CONVERSION RATE (EXTERNAL CLOCK)
CONVERSION RATE (ksps)
010
50
70
90
A
B
A) INTERNAL REFERENCE ALWAYS ON
B) EXTERNAL REFERENCE
MAX1238
0.9990
0.9994
0.9992
0.9998
0.9996
1.0002
1.0000
1.0004
1.0008
1.0006
1.0010
-40
-10
5
-25
20
35
50
65
80
INTERNAL REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
NORMALIZED TO VALUE AT +25
°C
MAX1238
MAX1239
0.99990
0.99994
0.99992
0.99998
0.99996
1.00002
1.00000
1.00004
1.00008
1.00006
1.00010
2.7
3.3 3.6 3.9
3.0
4.2 4.5 4.8 5.1 5.4
NORMALIZED REFERENCE VOLTAGE
vs. SUPPLY VOLTAGE
VDD (V)
MAX1236/MAX1238
NORMALIZED TO
REFERENCE VALUE AT
VDD = 5V
MAX1237/MAX1239
NORMALIZED TO
REFERENCE VALUE AT
VDD = 3.3V
Typical Operating Characteristics (continued)
(VDD = 3.3V (MAX1237/MAX1239), VDD = 5V (MAX1236/MAX1238), fSCL = 1.7MHz, (50% duty cycle), fSAMPLE = 94.4ksps, single-
ended, unipolar, TA = +25°C, unless otherwise noted.)
OFFSET ERROR vs. TEMPERATURE
TEMPERATURE (
°C)
80
65
35
50
-10
5
20
-25
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
-1.0
-40
OFFSET ERROR vs. SUPPLY VOLTAGE
VDD (V)
5.2 5.5
4.7
4.2
3.7
3.2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2.0
-2.0
2.7
GAIN ERROR vs. TEMPERATURE
TEMPERATURE (
°C)
80
65
35
50
-10
5
20
-25
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
-40
GAIN ERROR vs. SUPPLY VOLTAGE
VDD (V)
5.2 5.5
4.7
4.2
3.7
3.2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2.0
-2.0
2.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com