Electronic Components Datasheet Search
  English  ▼

X  

MAX1237 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX1237
Description  2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1237 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX1237 Datasheet HTML 8Page - Maxim Integrated Products MAX1237 Datasheet HTML 9Page - Maxim Integrated Products MAX1237 Datasheet HTML 10Page - Maxim Integrated Products MAX1237 Datasheet HTML 11Page - Maxim Integrated Products MAX1237 Datasheet HTML 12Page - Maxim Integrated Products MAX1237 Datasheet HTML 13Page - Maxim Integrated Products MAX1237 Datasheet HTML 14Page - Maxim Integrated Products MAX1237 Datasheet HTML 15Page - Maxim Integrated Products MAX1237 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Slave Address
A bus master initiates communication with a slave device
by issuing a START condition followed by a slave
address. When idle, the MAX1236–MAX1239 continu-
ously wait for a START condition followed by their slave
address. When the MAX1236–MAX1239 recognize their
slave address, they are ready to accept or send data.
Please refer to the table in the ordering information sec-
tion for the factory programmed slave address of the
selected device. The least significant bit (LSB) of the
address byte (R/W) determines whether the master is
writing to or reading from the MAX1236–MAX1239
(R/W = 0 selects a write condition, R/W = 1 selects a
read condition). After receiving the address, the
MAX1236–MAX1239 (slave) issues an acknowledge by
pulling SDA low for one clock cycle.
Bus Timing
At power-up, the MAX1236–MAX1239 bus timing is set
for fast-mode (F/S-mode), which allows conversion rates
up to 22.2ksps. The MAX1236–MAX1239 must operate
in high-speed mode (HS-mode) to achieve conversion
rates up to 94.4ksps. Figure 1 shows the bus timing for
the MAX1236–MAX1239’s 2-wire interface.
HS-Mode
At power-up, the MAX1236–MAX1239 bus timing is set
for F/S-mode. The bus master selects HS-mode by
addressing all devices on the bus with the HS-mode
master code 0000 1XXX (X = don’t care). After success-
fully receiving the HS-mode master code, the MAX1236–
MAX1239 issue a not-acknowledge, allowing SDA to be
pulled high for one clock cycle (Figure 8). After the not-
acknowledge, the MAX1236–MAX1239 are in HS-mode.
The bus master must then send a repeated START fol-
lowed by a slave address to initiate HS-mode communi-
cation. If the master generates a STOP condition, the
MAX1236–MAX1239 return to F/S-mode.
2.7V to 3.6V and 4.5V to 5.5V, Low-Power,
4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
12
______________________________________________________________________________________
01
1
1
0
0
0
R/W
A
SLAVE ADDRESS
S
SCL
SDA
1
2
34
567
8
9
MAX1236/MAX1237
SEE ORDERING INFORMATION FOR SLAVE ADDRESS OPTIONS AND DETAILS.
Figure 7. MAX1236/MAX1237 Slave Address Byte
000
1
0X
X
X
A
HS-MODE MASTER CODE
SCL
SDA
S
Sr
F/S-MODE
HS-MODE
Figure 8. F/S-Mode to HS-Mode Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com