Electronic Components Datasheet Search
  English  ▼

X  

MAX1237 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX1237
Description  2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1237 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX1237 Datasheet HTML 10Page - Maxim Integrated Products MAX1237 Datasheet HTML 11Page - Maxim Integrated Products MAX1237 Datasheet HTML 12Page - Maxim Integrated Products MAX1237 Datasheet HTML 13Page - Maxim Integrated Products MAX1237 Datasheet HTML 14Page - Maxim Integrated Products MAX1237 Datasheet HTML 15Page - Maxim Integrated Products MAX1237 Datasheet HTML 16Page - Maxim Integrated Products MAX1237 Datasheet HTML 17Page - Maxim Integrated Products MAX1237 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
2.7V to 3.6V and 4.5V to 5.5V, Low-Power,
4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
14
______________________________________________________________________________________
BIT 7
(MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(LSB)
REG
SCAN1
SCAN0
CS3
CS2
CS1
CS0
SGL/
DIF
BIT
NAME
DESCRIPTION
7
REG
Register bit 1 = setup byte (see Table 1), 0 = configuration byte.
6
SCAN1
5
SCAN0
Scan select bits. Two bits select the scanning configuration (Table 5). Default to 00 at power-up.
4
CS3
3
CS2
2
CS1
1
CS0
Channel select bits. Four bits select which analog input channels are to be used for conversion
(Tables 3 and 4). Default to 0000 at power-up. For MAX1236/MAX1237, CS3 and CS2 are
internally set to 0.
0
SGL/
DIF
1 = single-ended, 0 = differential (Tables 3 and 4). Default to 1 at power-up. See the Single-
Ended/Differential Input section.
Table 2. Configuration Byte Format
CS3
1
CS2
1
CS1
CS0
AIN0
AIN1
AIN2
AIN3
2
AIN4
AIN5
AIN6
AIN7
AIN8
AIN9
AIN10 AIN11
2
GND
0
000
+
-
0
001
+
-
0
010
+
-
0
011
+
-
0
100
+
-
0
101
+
-
0
110
+
-
0
111
+
-
1
000
+
-
1
001
+-
1
010
+-
1
011
+
-
1
1
0
0
RESERVED
1
1
0
1
RESERVED
1
1
1
0
RESERVED
1
1
1
1
RESERVED
1. For MAX1236/MAX1237, CS3 and CS2 are internally set to 0.
2. When SEL1 = 1, a single-ended read of AIN3/REF (MAX1236/MAX1237) or AIN11/REF (MAX1238/MAX1239) is ignored; scan
stops at AIN2 or AIN10.
Table 3. Channel Selection in Single-Ended Mode (SGL/
DIF = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com