Electronic Components Datasheet Search
  English  ▼

X  

MAX1237 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1237
Description  2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1237 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1237 Datasheet HTML 1Page - Maxim Integrated Products MAX1237 Datasheet HTML 2Page - Maxim Integrated Products MAX1237 Datasheet HTML 3Page - Maxim Integrated Products MAX1237 Datasheet HTML 4Page - Maxim Integrated Products MAX1237 Datasheet HTML 5Page - Maxim Integrated Products MAX1237 Datasheet HTML 6Page - Maxim Integrated Products MAX1237 Datasheet HTML 7Page - Maxim Integrated Products MAX1237 Datasheet HTML 8Page - Maxim Integrated Products MAX1237 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
2.7V to 3.6V and 4.5V to 5.5V, Low-Power,
4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 2.7V to 3.6V (MAX1237/MAX1239), VDD = 4.5V to 5.5V (MAX1236/MAX1238), VREF = 2.048V (MAX1237/MAX1239), VREF =
4.096V (MAX1236/MAX1238), fSCL = 1.7MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C, see
Tables 1–5 for programming notation.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER REQUIREMENTS
MAX1237/MAX1239
2.7
3.6
Supply Voltage
VDD
MAX1236/MAX1238
4.5
5.5
V
Internal reference
900
1150
fSAMPLE = 94.4ksps
external clock
External reference
670
900
Internal reference
530
fSAMPLE = 40ksps
internal clock
External reference
230
Internal reference
380
fSAMPLE = 10ksps
internal clock
External reference
60
Internal reference
330
fSAMPLE =1ksps
internal clock
External reference
6
Supply Current
IDD
Shutdown (internal REF off)
0.5
10
µA
Power-Supply Rejection Ratio
PSRR
Full-scale input (Note 9)
±0.5
±2.0
LSB/V
TIMING CHARACTERISTICS (Figure 1)
(VDD = 2.7V to 3.6V (MAX1237/MAX1239), VDD = 4.5V to 5.5V (MAX1236/MAX1238), VREF = 2.048V (MAX1237/MAX1239), VREF =
4.096V (MAX1236/MAX1238), fSCL = 1.7MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C, see Tables 1–5 for programming notation.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TIMING CHARACTERISTICS FOR FAST MODE
Serial-Clock Frequency
fSCL
400
kHz
Bus Free Time Between a STOP (P)
and a START (S) Condition
tBUF
1.3
µs
Hold Time for START (S) Condition
tHD, STA
0.6
µs
Low Period of the SCL Clock
tLOW
1.3
µs
High Period of the SCL Clock
tHIGH
0.6
µs
Setup Time for a Repeated START
Condition (Sr)
tSU, STA
0.6
µs
Data Hold Time (Note 10)
tHD, DAT
0
900
ns
Data Setup Time
tSU, DAT
100
ns
Rise Time of Both SDA and SCL
Signals, Receiving
tR
Measured from 0.3VDD - 0.7VDD
20 + 0.1CB
300
ns
Fall Time of SDA Transmitting
tF
Measured from 0.3VDD - 0.7VDD
20 + 0.1CB
300
ns
Setup Time for STOP (P) Condition
tSU, STO
0.6
µs
Capacitive Load for Each Bus Line
CB
400
pF
Pulse Width of Spike Suppressed
tSP
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com