Electronic Components Datasheet Search
  English  ▼

X  

MAX7367 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX7367
Description  4-Channel I2C Switches/Multiplexer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7367 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX7367 Datasheet HTML 1Page - Maxim Integrated Products MAX7367 Datasheet HTML 2Page - Maxim Integrated Products MAX7367 Datasheet HTML 3Page - Maxim Integrated Products MAX7367 Datasheet HTML 4Page - Maxim Integrated Products MAX7367 Datasheet HTML 5Page - Maxim Integrated Products MAX7367 Datasheet HTML 6Page - Maxim Integrated Products MAX7367 Datasheet HTML 7Page - Maxim Integrated Products MAX7367 Datasheet HTML 8Page - Maxim Integrated Products MAX7367 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
4-Channel I2C Switches/Multiplexer
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PASS GATE
VDD = 3V to 3.6V, IO = 15mA, VO = 0.4V
5
16
30
Switch On-Resistance
RON
VDD = 2.3V to 2.7V, IO = 10mA, VO = 0.4V
7
23
55
Ω
VI(SW) = VDD = 3.0V to 3.6V, IO = -100µA
1.6
1.9
2.8
VI(SW) = VDD = 2.3V to 2.7V, IO = -100µA
1.1
2.0
Switch Output Voltage
VPASS
VI(SW) = VDD = 2.5V, IO = -100µA
1.5
V
Leakage Current
IL
-1
+1
µA
Input/Output Capacitance
CIO
All inputs = GND
6
pF
INT OUTPUT
Low-Level Output Current
IOL
VOL = 0.4V
3
mA
High-Level Output Current
IOH
1µA
ELECRTICAL CHARACTERISTICS (3.3V SUPPLY) (continued)
(VDD = 2.3V to 3.6V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VDD = 3.3V, TA = +25°C.) (Note 1)
ELECRTICAL CHARACTERISTICS (5V SUPPLY)
(VDD = 4.5V to 5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VDD = 5V, TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Supply Voltage
VDD
4.5
5.5
V
Standby Current
ISTB
No load, all inputs = VDD or GND, VDD = 5.5V,
all channels disabled
0.3
1
µA
Supply Current
IDD
No load, all inputs = VDD or GND, fSCL =
100kHz, VDD = 5.5V, all channels disabled
12
50
µA
Power-On-Reset Voltage
VPOR
VDD rising
1.4
2.1
V
POR Hysteresis
VHYST
0.4
V
INPUT SCL, INPUT/OUTPUT SDA
Low-Level Input Voltage
VIL
(Note 2)
-0.2
+0.3 x
VDD
V
High-Level Input Voltage
VIH
0.7 x
VDD
5.5
V
VOL = 0.4V
3
30
Low-Level Output Current
IOL
VOL = 0.6V
6
50
mA
Input Leakage Current
IL
-1
+1
µA
Input Capacitance
CI
All inputs = GND
15
pF
SELECT INPUTS A2, A1, A0,
INT0–INT3, RESET
Low-Level Input Voltage
VIL
(Note 2)
-0.2
+0.3 x
VDD
V
High-Level Input Voltage
VIH
0.7 x
VDD
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com