Electronic Components Datasheet Search
  English  ▼

X  

MAX7367 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX7367
Description  4-Channel I2C Switches/Multiplexer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7367 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX7367 Datasheet HTML 1Page - Maxim Integrated Products MAX7367 Datasheet HTML 2Page - Maxim Integrated Products MAX7367 Datasheet HTML 3Page - Maxim Integrated Products MAX7367 Datasheet HTML 4Page - Maxim Integrated Products MAX7367 Datasheet HTML 5Page - Maxim Integrated Products MAX7367 Datasheet HTML 6Page - Maxim Integrated Products MAX7367 Datasheet HTML 7Page - Maxim Integrated Products MAX7367 Datasheet HTML 8Page - Maxim Integrated Products MAX7367 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4-Channel I2C Switches/Multiplexer
4
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Leakage Current
IL
-1
+1
µA
Input Capacitance
CI
All inputs = GND
5
pF
PASS GATE
Switch On-Resistance
RON
VDD = 4.5V to 5.5V, IO = 15 mA, VO = 0.4V
4
12
24
Ω
Switch Output Voltage
VPASS
VI(SW) = VDD, IO = -100µA
2.6
3.6
4.5
V
Leakage Current
IL
-1
+1
µA
Input/Output Capacitance
CIO
All inputs = GND
6
pF
INT OUTPUT
Low-Level Output Current
IOL
VOL = 0.4V
3
mA
High-Level Output Current
IOH
1µA
TIMING CHARACTERISTICS (Figure 1)
(VDD = 2.3V to 5.5V, TA = -40°C to +85°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Propagation Delay from SDA To
SD_ or SCL to SC_
tpd
(Note 3)
0.3
ns
SCL Clock Frequency
fSCL
0
400
kHz
fSCL = 100kHz
4.7
Bus Free Time Between a STOP
and START Condition
tBUF
fSCL = 400kHz
1.3
µs
fSCL = 100kHz
4.0
Hold Time (Repeated) START
Condition (after this period, the
first clock pulse is generated)
tHD;STA
fSCL = 400kHz
0.6
µs
fSCL = 100kHz
4.7
Low Period of the SCL Clock
tLOW
fSCL = 400kHz
1.3
µs
fSCL = 100kHz
4.0
High Period of the SCL Clock
tHIGH
fSCL = 400kHz
0.6
µs
fSCL = 100kHz
4.7
Setup Time for a Repeated START
Condition
tSU;STA
fSCL = 400kHz
0.6
µs
fSCL = 100kHz
4.0
Setup Time for STOP Condition
tSU;STO
fSCL = 400kHz
0.6
µs
fSCL = 100kHz
0
3.45
Data Hold Time (Note 4)
tHD;DAT
fSCL = 400kHz
0
0.9
µs
fSCL = 100kHz
250
Data Setup Time
tSU;DAT
fSCL = 400kHz
100
ns
fSCL = 100kHz
1000
Rise Time of Both SDA and SCL
Signals
tr
fSCL = 400kHz (Note 5)
20 +
0.1Cb
300
ns
ELECRTICAL CHARACTERISTICS (5V SUPPLY) (continued)
(VDD = 4.5V to 5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VDD = 5V, TA = +25°C.) (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com