Electronic Components Datasheet Search
  English  ▼

X  

MAX9541 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9541
Description  Quadruple, 2:1, Mux Amplifiers for Standard-Definition and VGA Signals
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9541 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9541 Datasheet HTML 1Page - Maxim Integrated Products MAX9541 Datasheet HTML 2Page - Maxim Integrated Products MAX9541 Datasheet HTML 3Page - Maxim Integrated Products MAX9541 Datasheet HTML 4Page - Maxim Integrated Products MAX9541 Datasheet HTML 5Page - Maxim Integrated Products MAX9541 Datasheet HTML 6Page - Maxim Integrated Products MAX9541 Datasheet HTML 7Page - Maxim Integrated Products MAX9541 Datasheet HTML 8Page - Maxim Integrated Products MAX9541 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX9541/MAX9542 are quadruple-channel, 2:1
video mux amplifiers with input sync tip clamps. These
devices select between two video sources and support
up to four channels on each source. The MAX9541 has
integrated lowpass filters that are optimized for standard-
definition video signals such as composite and red,
green, blue (RGB). The filters typically have ±1dB pass-
band flatness out to 9.5MHz and 47dB attenuation at
27MHz. The MAX9542 has a wider bandwidth of 15MHz
because it does not have integrated lowpass filters, mak-
ing it suitable for not only standard-definition video sig-
nals, but also video graphics array (VGA) signals with a
640 x 480 resolution at up to 85Hz refresh rate.
Video signals are AC-coupled to the inputs of the
MAX9541/MAX9542. The input sync-tip clamps set the
internal DC level.
The amplifiers have 2V/V gain, and the outputs can be
DC-coupled to a 75
Ω load, which is the equivalent of two
video loads, or AC-coupled to a 150
Ω load.
Both the MAX9541/MAX9542 feature a low-power shut-
down mode, in which supply current is reduced to 35µA.
Applications
Automotive Infotainment
Features
♦ Quad 2:1 Video Mux Amplifiers
♦ Reconstruction Filters with 9.5MHz Passband and
47dB Attenuation at 27MHz (MAX9541)
♦ Fixed Gain of 2V/V
♦ Input Sync-Tip Clamps
♦ Shutdown
♦ 2.7V to 3.6V Single-Supply Operation
Quadruple, 2:1, Mux Amplifiers for
Standard-Definition and VGA Signals
________________________________________________________________
Maxim Integrated Products
1
19-4457; Rev 0; 2/09
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
UNKNOWN
BIAS
300mV
IN2A
IN3A
OUT1
IN1A
IN0A
OUT0
OUT3
OUT2
IN3B
IN2B
IN1B
IN0B
A/B
0
1
0
1
0
1
0
1
VDD
GND
MAX9541
MAX9542
SHDN
LPF*
CLAMPREF
2V/V
LPF*
CLAMPREF
2V/V
LPF*
CLAMPREF
2V/V
LPF*
CLAMPREF
2V/V
*LOWPASS FILTER IN MAX9541 ONLY.
Functional Diagram
Ordering Information
PART
PIN-PACKAGE
STANDARD-
DEFINITION
VIDEO FILTER
MAX9541AEE+
16 QSOP
Yes
MAX9542AEE+
16 QSOP
No
Note: All devices are specified over the -40°C to +125°C oper-
ating temperature range.
+
Denotes a lead(Pb)-free/RoHS-compliant package.


Similar Part No. - MAX9541

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9541 MAXIM-MAX9541 Datasheet
134Kb / 6P
Fully Assembled and Tested
Rev 0; 2/09
MAX9541EVKIT MAXIM-MAX9541EVKIT Datasheet
134Kb / 6P
Fully Assembled and Tested
Rev 0; 2/09
MAX9541EVKIT+ MAXIM-MAX9541EVKIT+ Datasheet
134Kb / 6P
Fully Assembled and Tested
Rev 0; 2/09
More results

Similar Description - MAX9541

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9517 MAXIM-MAX9517 Datasheet
347Kb / 22P
Standard-Definition Video Filter Amplifiers with Dual SPST Switches
Rev 0; 9/07
logo
Cadeka Microcircuits LL...
CLC3800 CADEKA-CLC3800 Datasheet
926Kb / 11P
Triple, Standard Definition Video Amplifiers
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A Datasheet
558Kb / 6P
Quad 2:1 Mux/DeMux
logo
Cadeka Microcircuits LL...
CLC3800 CADEKA-CLC3800_10 Datasheet
1Mb / 17P
Triple, Standard Definition Video Amplifiers
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A_14 Datasheet
1Mb / 5P
Quad 2:1 Mux/DeMux
logo
Texas Instruments
DS64MB201 TI1-DS64MB201_13 Datasheet
2Mb / 32P
Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
logo
Maxim Integrated Produc...
MAX14983E MAXIM-MAX14983E Datasheet
773Kb / 11P
Enhanced 1:2 VGA Mux with Monitor Detection and Priority Port Logic
19-5935; Rev 1; 9/17
logo
Diodes Incorporated
PI3DBS12212A DIODES-PI3DBS12212A Datasheet
501Kb / 1P
3.3V, 1-12Gbps 1-Lane 2:1 Mux/De-Mux Switch
PI3DBS16412 DIODES-PI3DBS16412 Datasheet
527Kb / 1P
3.3V, 1-20Gbps 2-Lane 2:1 Mux/De-Mux Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com