Electronic Components Datasheet Search
  English  ▼

X  

MAX9541 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9541
Description  Quadruple, 2:1, Mux Amplifiers for Standard-Definition and VGA Signals
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9541 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9541 Datasheet HTML 2Page - Maxim Integrated Products MAX9541 Datasheet HTML 3Page - Maxim Integrated Products MAX9541 Datasheet HTML 4Page - Maxim Integrated Products MAX9541 Datasheet HTML 5Page - Maxim Integrated Products MAX9541 Datasheet HTML 6Page - Maxim Integrated Products MAX9541 Datasheet HTML 7Page - Maxim Integrated Products MAX9541 Datasheet HTML 8Page - Maxim Integrated Products MAX9541 Datasheet HTML 9Page - Maxim Integrated Products MAX9541 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Quadruple, 2:1, Mux Amplifiers for
Standard-Definition and VGA Signals
6
_______________________________________________________________________________________
SMALL-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (Hz)
1M
10M
-40
-30
-20
-10
0
10
-50
-35
-25
-15
-5
5
-45
100k
100M
VIN = 50mVP-P
GAIN IS NORMALIZED TO 0dB
SMALL-SIGNAL GAIN FLATNESS
vs. FREQUENCY
FREQUENCY (Hz)
1M
10M
-6
-4
-2
-1
1
3
-7
-5
-3
0
2
100k
100M
VIN = 50mVP-P
GAIN IS NORMALIZED TO 0dB
LARGE-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (Hz)
1M
10M
-40
-30
-20
-10
0
10
-50
-35
-25
-15
-5
5
-45
100k
100M
VIN = 1VP-P
GAIN IS NORMALIZED TO 0dB
LARGE-SIGNAL GAIN FLATNESS
vs. FREQUENCY
FREQUENCY (Hz)
1M
10M
-6
-4
-2
-1
1
3
-7
-5
-3
0
2
100k
100M
VIN = 1VP-P
GAIN IS NORMALIZED TO 0dB
VIDEO CROSSTALK
vs. FREQUENCY
FREQUENCY (Hz)
1M
10M
-100
-60
-20
0
-120
-80
-40
100k
100M
2 ADJACENT CHANNELS
1 ADJACENT CHANNEL
ALL-HOSTILE
VIN = 1VP-P
GAIN IS NORMALIZED TO 0dB
VIDEO GROUP DELAY DISTORTION
vs. FREQUENCY
FREQUENCY (Hz)
1M
10M
5
15
25
30
40
50
0
10
20
35
45
100k
100M
VIN = 1VP-P
GAIN IS NORMALIZED TO 0dB
Typical Operating Characteristics (continued) (MAX9542)
(VDD = 3.3V, VGND = 0,
SHDN = VDD, A/B = VDD, RL = 150Ω to GND, TA = +25°C.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com