Electronic Components Datasheet Search
  English  ▼

X  

MAX9541 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9541
Description  Quadruple, 2:1, Mux Amplifiers for Standard-Definition and VGA Signals
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9541 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9541 Datasheet HTML 1Page - Maxim Integrated Products MAX9541 Datasheet HTML 2Page - Maxim Integrated Products MAX9541 Datasheet HTML 3Page - Maxim Integrated Products MAX9541 Datasheet HTML 4Page - Maxim Integrated Products MAX9541 Datasheet HTML 5Page - Maxim Integrated Products MAX9541 Datasheet HTML 6Page - Maxim Integrated Products MAX9541 Datasheet HTML 7Page - Maxim Integrated Products MAX9541 Datasheet HTML 8Page - Maxim Integrated Products MAX9541 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Quadruple, 2:1, Mux Amplifiers for
Standard-Definition and VGA Signals
_______________________________________________________________________________________
5
DIFFERENTIAL GAIN
1
03
24
5
0.6
0.8
0.4
0.2
0
-0.2
-0.4
0
0.1
-0.1
-0.2
-0.3
-0.4
-0.5
DIFFERENTIAL PHASE
1
03
24
5
f = 4.43MHz
f = 4.43MHz
100ns/div
2T RESPONSE
IN
200mV/div
MAX9541 toc11
OUT
400mV/div
400ns/div
12.5T RESPONSE
IN
200mV/div
MAX9541 toc12
OUT
400mV/div
10
μs/div
NTC-7 VIDEO TEST SIGNAL
IN
500mV/div
MAX9541 toc13
OUT
1V/div
2ms/div
FIELD SQUARE WAVE
IN
500mV/div
MAX9541 toc14
OUT
1V/div
VIDEO SYNC-TIP CLAMP VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
25
50
0
-25
0.29
0.30
0.31
0.32
0.33
0.34
0.35
0.36
0.37
0.28
-50
125
VIDEO SYNC-TIP CLAMP CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
-25
0
25
50
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
0.90
-50
125
-100
0
100
200
300
400
500
0
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
SYNC-TIP CLAMP CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
QUIESCENT SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
-25
0
25
50
18.5
19.0
19.5
20.0
20.5
21.0
21.5
22.0
18.0
-50
125
Typical Operating Characteristics (continued) (MAX9541)
(VDD = 3.3V, VGND = 0,
SHDN = VDD, A/B = VDD, RL = 150Ω to GND, TA = +25°C.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com