Electronic Components Datasheet Search
  English  ▼

X  

MAX9541 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX9541
Description  Quadruple, 2:1, Mux Amplifiers for Standard-Definition and VGA Signals
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9541 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX9541 Datasheet HTML 8Page - Maxim Integrated Products MAX9541 Datasheet HTML 9Page - Maxim Integrated Products MAX9541 Datasheet HTML 10Page - Maxim Integrated Products MAX9541 Datasheet HTML 11Page - Maxim Integrated Products MAX9541 Datasheet HTML 12Page - Maxim Integrated Products MAX9541 Datasheet HTML 13Page - Maxim Integrated Products MAX9541 Datasheet HTML 14Page - Maxim Integrated Products MAX9541 Datasheet HTML 15Page - Maxim Integrated Products MAX9541 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Quadruple, 2:1, Mux Amplifiers for
Standard-Definition and VGA Signals
14
______________________________________________________________________________________
IN2A
IN3A
OUT1
IN1A
IN0A
OUT0
OUT3
OUT2
IN3B
IN2B
IN1B
IN0B
A/B
VDD
GND
MAX9541
MAX9542
CLAMPREF
2V/V
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
0.1
μF
0.1
μF
0.1
μF
0.1
μF
0.1
μF
0.1
μF
0.1
μF
0.1
μF
75
Ω
75
Ω
75
Ω
75
Ω
220
μF
220
μF
220
μF
220
μF
LPF*
CLAMPREF
CLAMPREF
CLAMPREF
2V/V
LPF*
2V/V
LPF*
2V/V
LPF*
1
0
1
0
1
0
1
0
0.1
μF
SHDN
VIDEO SOURCE B
4 CVBS SIGNALS
VIDEO SOURCE A
4 CVBS SIGNALS
+3.3V
BUFFER
BUFFER
BUFFER
BUFFER
*LOWPASS FILTER MAX9451 ONLY.
Figure 3. AC-Coupled Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com