Electronic Components Datasheet Search
  English  ▼

X  

CS8422 Datasheet(PDF) 48 Page - Cirrus Logic

Part # CS8422
Description  24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422 Datasheet(HTML) 48 Page - Cirrus Logic

Back Button CS8422_09 Datasheet HTML 44Page - Cirrus Logic CS8422_09 Datasheet HTML 45Page - Cirrus Logic CS8422_09 Datasheet HTML 46Page - Cirrus Logic CS8422_09 Datasheet HTML 47Page - Cirrus Logic CS8422_09 Datasheet HTML 48Page - Cirrus Logic CS8422_09 Datasheet HTML 49Page - Cirrus Logic CS8422_09 Datasheet HTML 50Page - Cirrus Logic CS8422_09 Datasheet HTML 51Page - Cirrus Logic CS8422_09 Datasheet HTML 52Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 82 page
background image
48
DS692PP2
CS8422
01 - Active low, low output indicates an interrupt condition has occurred.
10 - Open drain, active low. Requires an external pull-up resistor on the INT pin.
11 - Reserved.
11.3
Receiver Input Control (03h)
RX_MODE - Selects the input mode (single-ended or differential) of the RX pins
0 - Receiver inputs are differential-pair inputs RXP1/RXN1 and RXP0/RXN0.
1 - Receiver inputs are single-ended inputs RX[3:0].
RX_SEL[1:0] – Input multiplexer to the receiver
00 - RX0 or RXP0/RXN0
01 - RX1 (Only valid if RX_MODE = 1)
10 - RX2 or RXP1/RXN1
11 - RX3 (Only valid if RX_MODE = 1)
TX_SEL[1:0] – Selects receiver input for GPO TX source
00 - RX0 or RXP0/RXN0
01 - RX1 (Only valid if RX_MODE = 1)
10 - RX2 or RXP1/RXN1
11 - RX3 (Only valid if RX_MODE = 1)
INPUT_TYPE – Selects receiver input type
0 - Mode 1, receiver multiplexer inputs are comparator inputs biased at VA/2.
1 - Mode 2, receiver multiplexer inputs are digital inputs, referenced to VA. Valid only if RX_MODE = 1.
11.4
Receiver Data Control (04h)
TRUNC – Determines if the audio word length is set according to the incoming channel status data as de-
coded by the AUX[3:0] bits. The resulting word length in bits is 24 minus AUX[3:0].
0 – Incoming data is not truncated.
1 – Incoming data is truncated according to the length specified in the channel status data.
Truncation occurs before the de-emphasis filter. TRUNC has no effect on output data is detected as being
non-audio.
HOLD[1:0] – Determine how received AES3 audio sample is affected when a receive error occurs
00 - hold last audio sample.
76
543
2
1
0
RX_MODE
RXSEL1
RXSEL0
TXSEL1
TXSEL0
INPUT_TYPE
Reserved
Reserved
00
010
0
0
0
76
543
210
TRUNC
HOLD1
HOLD0
CHS
DETCI
EMPH_CNTL2 EMPH_CNTL1 EMPH_CNTL0
00
000
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com