Electronic Components Datasheet Search
  English  ▼

X  

CS8422 Datasheet(PDF) 61 Page - Cirrus Logic

Part # CS8422
Description  24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422 Datasheet(HTML) 61 Page - Cirrus Logic

Back Button CS8422_09 Datasheet HTML 57Page - Cirrus Logic CS8422_09 Datasheet HTML 58Page - Cirrus Logic CS8422_09 Datasheet HTML 59Page - Cirrus Logic CS8422_09 Datasheet HTML 60Page - Cirrus Logic CS8422_09 Datasheet HTML 61Page - Cirrus Logic CS8422_09 Datasheet HTML 62Page - Cirrus Logic CS8422_09 Datasheet HTML 63Page - Cirrus Logic CS8422_09 Datasheet HTML 64Page - Cirrus Logic CS8422_09 Datasheet HTML 65Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 82 page
background image
DS692PP2
61
CS8422
11.22 Receiver Status (16h)
CS_UPDATE - Determines whether channel status registers and RCVR_RATE are updated in the presence
of a receiver error (register 14h).
0 - The receiver channel status registers and RCVR_RATE are updated on each AES3 block boundary.
1 - The receiver channel status registers and RCVR_RATE are updated on each AES3 block boundary if
no biphase, confidence, parity, or CRCC error has occurred during the reception of the channel status
block.
RCVR_RATE - Input sample rate represented in the channel status data of incoming AES3 data.
00 - Reserved
01 - 32 kHz
10 - 44.1 kHz
11 - 48 kHz
RX_LOCK - AES3 Receiver PLL Lock
0 - The PLL has not achieved lock for more than 2 Z preambles or AES3 input is not driving PLL.
1 - Goes high 2 Z preambles after the PLL has achieved lock when an AES3 input has been selected to
drive the PLL.
BLK_VERR - Block Validity Error. Updated on DETC boundaries
0 - The Validity bit of the incoming AES3 data has remained low during the input of the last AES3 data
block.
1 - The Validity bit of incoming AES3 data has gone high at some point during the input of the last AES3
data block.
BLK_CERR - Block Confidence Error. Updated on DETC boundaries
0 - The Confidence bit associated with incoming AES3 data has remained high during the input of the last
AES3 data block.
1 - The Confidence bit associated with incoming AES3 data has gone low at least once during the input
of the last AES3 data block.
BLK_BERR - Block Biphase Error. Updated on DETC boundaries
0 - There has been no biphase error associated with incoming AES3 data during the input of the last AES3
data block.
1 - There has been at least one biphase error associated with incoming AES3 data during the input of the
last AES3 data block.
BLK_PERR - Block Parity Error. Updated on DETC boundaries
0 - There has been no parity error associated with incoming AES3 data during the input of the last AES3
data block.
765
432
10
CS_UPDATE RCVR_RATE1 RCVR_RATE0
RX_LOCK
BLK_VERR
BLK_CERR
BLK_BERR
BLK_PERR
0
-
---
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com