Electronic Components Datasheet Search
  English  ▼

X  

CS8422 Datasheet(PDF) 51 Page - Cirrus Logic

Part # CS8422
Description  24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422 Datasheet(HTML) 51 Page - Cirrus Logic

Back Button CS8422_09 Datasheet HTML 47Page - Cirrus Logic CS8422_09 Datasheet HTML 48Page - Cirrus Logic CS8422_09 Datasheet HTML 49Page - Cirrus Logic CS8422_09 Datasheet HTML 50Page - Cirrus Logic CS8422_09 Datasheet HTML 51Page - Cirrus Logic CS8422_09 Datasheet HTML 52Page - Cirrus Logic CS8422_09 Datasheet HTML 53Page - Cirrus Logic CS8422_09 Datasheet HTML 54Page - Cirrus Logic CS8422_09 Datasheet HTML 55Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 82 page
background image
DS692PP2
51
CS8422
0001 - ILRCK = MCLK/96
0010 - ILRCK = MCLK/128
0011 - ILRCK = MCLK/192
0100 - ILRCK = MCLK/256
0101 - ILRCK = MCLK/384
0110 - ILRCK = MCLK/512
0111 - ILRCK = MCLK/768
1000 - ILRCK = MCLK/1024
SAI_MCLK – Selects the master clock (MCLK) source for the serial audio input when set to master mode
(SIMS = 1, as shown in “Serial Audio Input Data Format (0Bh)” on page 53). When set to master, ILRCK
and ISCLK are derived from the MCLK selected in this register. Note: if either serial audio output port is
sourced directly by the serial audio input port, this bit determines the master clock source for the selected
serial output port when it is in master mode.
0 - XTI-XTO
1 - RMCK
11.8
SRC Output Serial Port Clock Control (08h)
SAO_CLK[3:0] – Valid only for the serial port sourced by the SRC. Selects the serial audio input master
clock-to-OLRCK ratio when the serial audio output port is set to master mode (SOMS = 1 as shown in “Serial
Audio Output Data Format - SDOUT1 (0Ch)” on page 54 and “Serial Audio Output Data Format - SDOUT2
(0Dh)” on page 55).
0000 - OLRCK = MCLK/64
0001 - OLRCK = MCLK/96
0010 - OLRCK = MCLK/128
0011 - OLRCK = MCLK/192
0100 - OLRCK = MCLK/256
0101 - OLRCK = MCLK/384
0110 - OLRCK = MCLK/512
0111 - OLRCK = MCLK/768
1000 - OLRCK = MCLK/1024
SAO_MCLK – Selects the master clock (MCLK) source for the serial audio output, sourced by the SRC,
when set to master mode (SOMS1 or SOMS 2 = 1, as shown in “Serial Audio Output Data Format - SDOUT1
(0Ch)” on page 54 and “Serial Audio Output Data Format - SDOUT2 (0Dh)” on page 55). When set to mas-
ter, OLRCK and OSCLK are derived from the MCLK selected in this register.
0 - XTI-XTO
7
6
543210
SAO_CLK3
SAO_CLK2
SAO_CLK1
SAO_CLK0
SAO_MCLK
SRC_MCLK1
SRC_MCLK0
SRC_DIV
0
1
000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com