Electronic Components Datasheet Search
  English  ▼

X  

CS8422 Datasheet(PDF) 69 Page - Cirrus Logic

Part # CS8422
Description  24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422 Datasheet(HTML) 69 Page - Cirrus Logic

Back Button CS8422_09 Datasheet HTML 65Page - Cirrus Logic CS8422_09 Datasheet HTML 66Page - Cirrus Logic CS8422_09 Datasheet HTML 67Page - Cirrus Logic CS8422_09 Datasheet HTML 68Page - Cirrus Logic CS8422_09 Datasheet HTML 69Page - Cirrus Logic CS8422_09 Datasheet HTML 70Page - Cirrus Logic CS8422_09 Datasheet HTML 71Page - Cirrus Logic CS8422_09 Datasheet HTML 72Page - Cirrus Logic CS8422_09 Datasheet HTML 73Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 82 page
background image
DS692PP2
69
CS8422
12.6
Jitter Tolerance
Figure 36 shows the Receiver Jitter Tolerance template as illustrated in the AES3 and IEC60958-4 specifi-
cation. CS8422 devices have been tested to pass this template.
12.7
Group Delay
The group delay introduced by the CS8422 depends on the type of interface selected, and input and output sample
rates of the sample rate converter. The expression for the group delay through the CS8422 with the use of the sam-
ple rate converter is shown below, where the interface delay is 3 OLRCK periods in all modes except AES3 direct
mode, in which it is 2 OLRCK periods. If the sample rate converter is not being used, then the approximate group
delay will be equal to the interface delay.
Figure 36. Jitter Tolerance Template
TotalGroupDelay
8.7
Fsi
--------
5
Fso
---------
InterfaceDelay
++


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com