Electronic Components Datasheet Search
  English  ▼

X  

BUS98 Datasheet(PDF) 4 Page - Motorola, Inc

Part # BUS98
Description  30 AMPERES NPN SILICON POWER TRANSISTORS(SWITCHMODE SERIES)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BUS98 Datasheet(HTML) 4 Page - Motorola, Inc

  BUS98 Datasheet HTML 1Page - Motorola, Inc BUS98 Datasheet HTML 2Page - Motorola, Inc BUS98 Datasheet HTML 3Page - Motorola, Inc BUS98 Datasheet HTML 4Page - Motorola, Inc BUS98 Datasheet HTML 5Page - Motorola, Inc BUS98 Datasheet HTML 6Page - Motorola, Inc BUS98 Datasheet HTML 7Page - Motorola, Inc BUS98 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BUS98 BUS98A
4
Motorola Bipolar Power Transistor Device Data
IC(pk)
VCE or
Table 1. Test Conditions for Dynamic Performance
VCEO(sus)
RBSOA AND INDUCTIVE SWITCHING
RESISTIVE SWITCHING
20
1
0
PW Varied to Attain
IC = 100 mA
Lcoil = 25 mH, VCC = 10 V
Rcoil = 0.7 Ω
Lcoil = 180 µH
Rcoil = 0.05 Ω
VCC = 20 V
VCC = 250 V
Pulse Width = 10
µs
1
INPUT
2
Rcoil
Lcoil
VCC
Vclamp
1N4937
OR
EQUIVALENT
TUT
INDUCTIVE TEST CIRCUIT
TURN–ON TIME
IB1 adjusted to
obtain the forced
hFE desired
TURN–OFF TIME
Use inductive switching
driver as the input to
the resistive test circuit.
t1 Adjusted to
Obtain IC
t1 [
Lcoil (IC(pk))
VCC
t2 [
Lcoil (IC(pk))
Vclamp
Test Equipment
Scope — Tektronix
475 or Equivalent
RESISTIVE TEST CIRCUIT
IC
VCE
t1
tf
t
tf Clamped
t2
TIME
1
2
TUT
RL
VCC
OUTPUT WAVEFORMS
2
SEE ABOVE FOR
DETAILED CONDITIONS
IB1
1
2
Vclamp
Vclamp = 250 V
+10 V
+10 V
–10 V
MJE200
MJE210
BUV20
BUV20
1
µF
50
µF
0.1
µF
50
µF
– VC1
ADJUST VC1
TO OBTAIN
DESIRED IB1
ADJUST VC2
TO OBTAIN
DESIRED IB2
t
tfi
trv
Figure 7. Inductive Switching Measurements
TIME
Figure 8. Peak–Reverse Current
20
0
VBE(off), BASE–EMITTER VOLTAGE (VOLTS)
0
1
2
3
4
5
6
16
12
8
4
IC
90% IB1
IC pk
VCE(pk)
90% VCE(pk)
90% IC(pk)
10% VCE(pk)
10%
IC pk
2% IC
βf = 5
IC = 20 A
IB
tsv
tti
tc
VCE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com