Electronic Components Datasheet Search
  English  ▼

X  

BUS98 Datasheet(PDF) 1 Page - Motorola, Inc

Part # BUS98
Description  30 AMPERES NPN SILICON POWER TRANSISTORS(SWITCHMODE SERIES)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BUS98 Datasheet(HTML) 1 Page - Motorola, Inc

  BUS98 Datasheet HTML 1Page - Motorola, Inc BUS98 Datasheet HTML 2Page - Motorola, Inc BUS98 Datasheet HTML 3Page - Motorola, Inc BUS98 Datasheet HTML 4Page - Motorola, Inc BUS98 Datasheet HTML 5Page - Motorola, Inc BUS98 Datasheet HTML 6Page - Motorola, Inc BUS98 Datasheet HTML 7Page - Motorola, Inc BUS98 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola Bipolar Power Transistor Device Data
Designer's™ Data Sheet
SWITCHMODE Series
NPN Silicon Power Transistors
The BUS98 and BUS98A transistors are designed for high–voltage, high–speed,
power switching in inductive circuits where fall time is critical. They are particularly
suited for line–operated switchmode applications such as:
• Switching Regulators
• Inverters
• Solenoid and Relay Drivers
• Motor Controls
• Deflection Circuits
Fast Turn–Off Times
60 ns Inductive Fall Time – 25
_C (Typ)
120 ns Inductive Crossover Time – 25
_C (Typ)
Operating Temperature Range – 65 to + 200
_C
100
_C Performance Specified for:
Reverse–Biased SOA with Inductive Loads
Switching Times with Inductive Loads
Saturation Voltages
Leakage Currents (125
_C)
MAXIMUM RATINGS
Rating
Symbol
BUS98
BUS98A
Unit
Collector–Emitter Voltage
VCEO(sus)
400
450
Vdc
Collector–Emitter Voltage
VCEV
850
1000
Vdc
Emitter Base Voltage
VEB
7
Vdc
Collector Current — Continuous
— Peak (1)
— Overload
IC
ICM
IoI
30
60
120
Adc
Base Current — Continuous
— Peak (1)
IB
IBM
10
30
Adc
Total Power Dissipation — TC = 25_C
— TC = 100_C
Derate above 25
_C
PD
250
142
1.42
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 200
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction to Case
R
θJC
0.7
_C/W
Maximum Lead Temperature
for Soldering Purposes:
1/8
″ from Case for 5 Seconds
TL
275
_C
(1) Pulse Test: Pulse Width = 5 ms, Duty Cycle
x10%.
Designer’s and SWITCHMODE are trademarks of Motorola, Inc.
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by BUS98/D
© Motorola, Inc. 1995
BUS98
BUS98A
30 AMPERES
NPN SILICON
POWER TRANSISTORS
400 AND 450 VOLTS
(BVCEO)
250 WATTS
850 – 1000 V (BVCES)
CASE 1–07
TO–204AA
REV 7


Similar Part No. - BUS98

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUS98 ONSEMI-BUS98 Datasheet
324Kb / 8P
SITCHMODE Series NPN Silicon Power Transistors
1995 REV 7
logo
New Jersey Semi-Conduct...
BUS98 NJSEMI-BUS98 Datasheet
194Kb / 4P
SWITCHMODE Series NPN Silicon Power Transistors
logo
ON Semiconductor
BUS98A ONSEMI-BUS98A Datasheet
324Kb / 8P
SITCHMODE Series NPN Silicon Power Transistors
1995 REV 7
logo
New Jersey Semi-Conduct...
BUS98A NJSEMI-BUS98A Datasheet
194Kb / 4P
SWITCHMODE Series NPN Silicon Power Transistors
logo
Inchange Semiconductor ...
BUS98A ISC-BUS98A Datasheet
186Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - BUS98

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N6546 BOCA-2N6546 Datasheet
217Kb / 4P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
2N6547 ONSEMI-2N6547 Datasheet
77Kb / 8P
SWITCHMODE Series NPN Silicon Power Transistors
April, 2001 ??Rev. 6
logo
Tiger Electronic Co.,Lt...
MJE13003 TGS-MJE13003 Datasheet
84Kb / 1P
SWITCHMODE Series NPN Silicon Power Transistors
logo
Unisonic Technologies
MJE13009-K UTC-MJE13009-K Datasheet
445Kb / 9P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJE13009-P UTC-MJE13009-P Datasheet
430Kb / 9P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
MJ16010 NJSEMI-MJ16010 Datasheet
1Mb / 3P
SWITCHMODE Series NPN Silicon Power Transistors
MJE16002 NJSEMI-MJE16002 Datasheet
126Kb / 3P
SWITCHMODE Series NPN Silicon Power Transistors
MJE8502 NJSEMI-MJE8502 Datasheet
92Kb / 2P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJ8504 NJSEMI-MJ8504 Datasheet
95Kb / 2P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
logo
Unisonic Technologies
MJE13009-K UTC-MJE13009-K_15 Datasheet
440Kb / 9P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com