Electronic Components Datasheet Search
  English  ▼

X  

BUS98 Datasheet(PDF) 3 Page - Motorola, Inc

Part # BUS98
Description  30 AMPERES NPN SILICON POWER TRANSISTORS(SWITCHMODE SERIES)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BUS98 Datasheet(HTML) 3 Page - Motorola, Inc

  BUS98 Datasheet HTML 1Page - Motorola, Inc BUS98 Datasheet HTML 2Page - Motorola, Inc BUS98 Datasheet HTML 3Page - Motorola, Inc BUS98 Datasheet HTML 4Page - Motorola, Inc BUS98 Datasheet HTML 5Page - Motorola, Inc BUS98 Datasheet HTML 6Page - Motorola, Inc BUS98 Datasheet HTML 7Page - Motorola, Inc BUS98 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BUS98 BUS98A
3
Motorola Bipolar Power Transistor Device Data
DC CHARACTERISTICS
50
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (AMPS)
3
5
7
10
20
30
50
20
5
3
0.1
Figure 2. Collector Saturation Region
IC, COLLECTOR CURRENT (AMPS)
0.3
1
3
10
2
1
0.7
0.5
1
Figure 3. Collector–Emitter Saturation Voltage
IC, COLLECTOR CURRENT (AMPS)
3
10
20
0.7
0.3
0.1
10
0.1
Figure 4. Base–Emitter Voltage
IB, BASE CURRENT (AMPS)
0.1
0.3
0.5
1
2
3
4
5
3
1
0.5
30
VCE = 5 V
1
2
βf = 5
0.3
90%
10%
0.3
TC = 25°C
IC = 10 A
IC = 15 A
IC = 20 A
90%
10%
TJ = 25°C
TJ = 100°C
1
VR, REVERSE VOLTAGE (VOLTS)
10
100
1000
10k
1k
100
– 0.4
Figure 5. Collector Cutoff Region
VBE, BASE–EMITTER VOLTAGE (VOLTS)
102
101
10 –1
Figure 6. Capacitance
104
10
103
100
– 0.2
0
0.2
0.4
0.6
VCE = 250 V
TJ = 150°C
125
°C
100
°C
75
°C
25
°C
REVERSE
FORWARD
TJ = 25°C
Cob
10
βf = 5
Cib



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com