Electronic Components Datasheet Search
  English  ▼

X  

SPF7302 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # SPF7302
Description  Full Bridge DC Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SPF7302 Datasheet(HTML) 4 Page - Allegro MicroSystems

  SPF7302 Datasheet HTML 1Page - Allegro MicroSystems SPF7302 Datasheet HTML 2Page - Allegro MicroSystems SPF7302 Datasheet HTML 3Page - Allegro MicroSystems SPF7302 Datasheet HTML 4Page - Allegro MicroSystems SPF7302 Datasheet HTML 5Page - Allegro MicroSystems SPF7302 Datasheet HTML 6Page - Allegro MicroSystems SPF7302 Datasheet HTML 7Page - Allegro MicroSystems SPF7302 Datasheet HTML 8Page - Allegro MicroSystems SPF7302 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Full Bridge DC Motor Driver
SPF7302
4
DLY Pin Threshold Voltage
VDLY(th)
Overcurrent limitation (OCL) activating voltage
1.4
1.6
1.8
V
DLY Pin Sourcing Current2
IDLY
15
30
60
μA
UVLO Releasing Voltage
VUVLO_OFF
–
–
5.2
V
UVLO Activating Voltage
VUVLO_ON
4.2
–
–
V
UVLO Hysteresis
VUVLOhys
–
0.2
–
V
OVP Protection Activating Voltage
VOVP_ON
36
–
42
V
OVP Protection Releasing Voltage
VOVP_OFF
32
–
38
V
OVP Hysteresis
VOVPhys
–5
–
V
Thermal Shutdown Activating
Temperature3
TTSD_ON
Starts at 165°C typical; guaranteed by design
151
165
–
ºC
Thermal Shutdown Releasing
Temperature3
TTSD_OFF Guaranteed by design
136
150
–
ºC
Thermal Shutdown Hysteresis3
TTSDhys
Guaranteed by design
–
15
–
ºC
1
The parameters at TJ = –40ºC to 150ºC are specified by design. The actual production tests are done at 25ºC and 125ºC.
2
The individual overcurrent limitation of each DMOSFET is masked during the delay period. Therefore, ensure proper thermal design for dissipating
transient temperature increase caused by current during this period.
3
TSD (thermal shutdown protection starts at 165ºC typical, and it is specified by design.
ELECTRICAL CHARACTERISTICS1
(continued) valid at TJ = –30°C to 125°C, VBB = 14 V, VDI = 5 V, CCP = 47 nF,
RDIAG = 5.1 kΩ, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Motor Control Truth Table1
Reference
Number
Status
Input
Output
DMOSFET status
DI
IN1
IN2
OUT1 OUT2 DIAG
HS1
LS1
HS2
LS2
1
Forward rotation2
H
H
L
H
L
H
ON
OFF
OFF
ON
2
Reverse rotation2
H
L
H
L
H
H
OFF
ON
ON
OFF
3
Low-side freewheeling
H
L
L
L
L
H
OFF
ON
OFF
ON
4
High-side freewheeling
H
H
H
H
H
H
ON
OFF
ON
OFF
5
Output disabled
L
X
X
Z
Z
H
OFF
OFF
OFF
OFF
6
Overcurrent limitation (OCL) active (HS1)
H
H
X
H
X
H
ON
OFF
X
X
7
Overcurrent limitation (OCL) active (HS2)
H
XHXH
H
X
X
ON
OFF
8
Overcurrent limitation (OCL) active (LS1)
H
L
X
L
X
H
OFF
ON
X
X
9
Overcurrent limitation (OCL) active (LS2)
H
X
L
X
L
H
X
X
OFF
ON
10
Overcurrent protection with latch (OCP) active (HS1)
H
H
X
Z
Z
L
OFF
OFF
OFF
OFF
11
Overcurrent protection with latch (OCP) active (HS2)
H
X
H
Z
Z
L
OFF
OFF
OFF
OFF
12
Overcurrent protection with latch (OCP) active (LS1)
H
L
X
Z
Z
L
OFF
OFF
OFF
OFF
13
Overcurrent protection with latch (OCP) active (LS2)
H
X
L
Z
Z
L
OFF
OFF
OFF
OFF
14
Undervoltage lockout (UVLO) protection active
X
X
X
Z
Z
L
OFF
OFF
OFF
OFF
15
Overvoltage protection (OVP) active
X
X
X
X
X
L
XXXX
16
Open load detected at startup
L
X
X
X
X
L
OFF
OFF
OFF
OFF
17
Open load detected in operation
H
X
X
X
X
L
XXXX
18
Thermal shutdown protection (TSD) active
X
X
X
Z
Z
L
OFF
OFF
OFF
OFF
1
X is "don't care," Z is high impedance.
2
"Forward" and "reverse" only indicate opposite relative direction.
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com