Electronic Components Datasheet Search
  English  ▼

X  

SPF7302 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # SPF7302
Description  Full Bridge DC Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SPF7302 Datasheet(HTML) 3 Page - Allegro MicroSystems

  SPF7302 Datasheet HTML 1Page - Allegro MicroSystems SPF7302 Datasheet HTML 2Page - Allegro MicroSystems SPF7302 Datasheet HTML 3Page - Allegro MicroSystems SPF7302 Datasheet HTML 4Page - Allegro MicroSystems SPF7302 Datasheet HTML 5Page - Allegro MicroSystems SPF7302 Datasheet HTML 6Page - Allegro MicroSystems SPF7302 Datasheet HTML 7Page - Allegro MicroSystems SPF7302 Datasheet HTML 8Page - Allegro MicroSystems SPF7302 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Full Bridge DC Motor Driver
SPF7302
3
ELECTRICAL CHARACTERISTICS1
valid at TJ = –30°C to 125°C, VBB = 14 V, VDI = 5 V, CCP = 47 nF, RDIAG = 5.1 kΩ,
unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Supply Voltage
VBB
6
–
18
V
OUTx Pin Leakage Current
IleakHS
–1
–
–
mA
IleakLS
––
1
mA
DMOSFET On Resistance
RDS(ON_1H IOUT = 1 A
–
–
300
mΩ
RDS(ON)_2H IOUT = 3 A
–
–
300
mΩ
RDS(ON)_1L IOUT = 1 A
–
–
300
mΩ
RDS(ON)_2L IOUT = 3 A
–
–
300
mΩ
DMOSFET Body Diode Forward Voltage
VF_H1
IOUT1 = 1 A
–
1.0
2.0
V
VF_H2
IOUT2 = 1 A
–
1.0
2.0
V
VF_L1
IOUT1 = –1 A
–
1.0
2.0
V
VF_L2
IOUT2 = –1 A
–
1.0
2.0
V
Quiescent Current
IBB
–7
–
mA
Overcurrent Limit (OCL)
IOCL_H1
TJ = –40°C to 150°C, IOCL < IOCP ; guaranteed by
design
2.0
3.0
4.5
A
IOCL_H2
2.0
3.0
4.5
A
IOCL_L1
2.0
3.0
4.5
A
IOCL_L2
2.0
3.0
4.5
A
Overcurrent Protection (OCP)
IOCP_H1
TJ = –40°C to 150°C, IOCL < IOCP ; guaranteed by
design
4.5
6.0
8.0
A
IOCP_H2
4.5
6.0
8.0
A
IOCP_L1
4.5
6.0
8.0
A
IOCP_L2
4.5
6.0
8.0
A
IN1, IN2, DI, and DLY Pin Input Voltage
Vx_H
3.0
–
5.3
V
Vx_L
–0.3
–
1.5
V
IN1, IN2, DI, and DLY Pin Input Current
Ix_H
VDLY = 5 V
–
100
200
μA
Ix_L
VDLY = 0 V
–1
–
1
μA
DIAG Pin Output Voltage
VDIAG_H
VCC = 5 V
4.0
–
–
V
VDIAG_L
Isink = 2 mA
–
–
0.4
V
DIAG Pin Output Current
IDIAG_H
VCC = 5 V, DIAG pin source current
–250
–
–
μA
IDIAG_L
VCC = 5 V, DIAG pin sink current, VDIAG = 2 V
–
–
3
mA
IN1 and IN2 Pin Input Propagation Time
tINx_ON
Delay from VINx = 2 V→VOUTx × 0.2
–
7
15
μs
tINx_OFF
Delay from VINx = 1.5 V→VOUTx × 0.8
–
7
15
μs
Output Rise Time
trx
Delay from VOUTx = 20%→80% points,
at IOUTx = 1 A
–
0.5
2
μs
Output Fall Time
tfx
Delay from VOUTx = 20%→80% points,
at IOUTx = 1 A
–
0.5
2
μs
Continued on the next page…
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com