Electronic Components Datasheet Search
  English  ▼

X  

SPF7302 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # SPF7302
Description  Full Bridge DC Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SPF7302 Datasheet(HTML) 2 Page - Allegro MicroSystems

  SPF7302 Datasheet HTML 1Page - Allegro MicroSystems SPF7302 Datasheet HTML 2Page - Allegro MicroSystems SPF7302 Datasheet HTML 3Page - Allegro MicroSystems SPF7302 Datasheet HTML 4Page - Allegro MicroSystems SPF7302 Datasheet HTML 5Page - Allegro MicroSystems SPF7302 Datasheet HTML 6Page - Allegro MicroSystems SPF7302 Datasheet HTML 7Page - Allegro MicroSystems SPF7302 Datasheet HTML 8Page - Allegro MicroSystems SPF7302 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Full Bridge DC Motor Driver
SPF7302
2
Selection Guide
Part Number
Package
Packing
SPF7302
Thermally enhanced surface mount
(HSOP), 16-pin
Minimum quantity 1400 pieces
All performance characteristics given are typical values for circuit or
system baseline design only and are at the nominal operating voltage and
an ambient temperature, TA, of 25°C, unless otherwise stated.
Number
Name
Description
1
LGND
Logic GND
2
IN2
Input pin 2
3
IN1
Input pin 1
4
DI
Disable pin
5
VBB
Supply input voltage
6
VBB
Supply input voltage
7
OUT2
Output 2
8
PGND
Power GND
9
PGND
Power GND
10
OUT1
Output 1
11
VBB
Supply input voltage
12
VBB
Supply input voltage
13
CP
Charge pump capacitor pin
14
DLY
Overcurrent limitation delay setting input pin
15
DIAG
Diagnostics output pin
16
LGND
Logic GND
Terminal List Table
Pin-out Diagram
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LGND
DIAG
DLY
CP
VBB
VBB
OUT1
PGND
LGND
IN2
IN1
DI
VBB
VBB
OUT2
PGND
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Absolute Maximum Ratings at TA = 25°C
Characteristic
Symbol
Notes
Rating
Unit
Supply Voltage
VBB
–0.3 to 36
V
IN1, IN2, DI, and DLY Pin Input Voltage
Vx
–0.3 to 6
V
Output Current
IO
±3
A
IOpeak
Continuous: 1 kHz, duty cycle <1%; pulse: < 10 μs±6
A
DIAG Pin Output Voltage
VDIAG
–0.3 to 6
V
DIAG Pin Input Current
IDIAG
DIAG pin sink current
–2
mA
CP Pin Voltage
VCP
–0.3 to 36
V
Power Dissipation
PD1
With infinite heatsink
39
W
PD2
Mounted on glass epoxy PCB, 50 mm × 74 mm × 1.6 mm;
0.5 oz copper (18 μm thick) exposed copper area
4
Junction Temperature
TJ
–40 to 150
ºC
Operating Ambient Temperature
TA
–40 to 105
ºC
Storage Temperature
Tstg
40 to 150
ºC
Thermal Resistance, Junction to Case
RθJC
Mounted on glass epoxy PCB, 50 mm × 74 mm × 1.6 mm;
0.5 oz copper (18 μm thick) exposed copper area
3.2
°C/W
Thermal Resistance, Junction to Ambient
RθJA
31
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com