Electronic Components Datasheet Search
  English  ▼

X  

SPF7302 Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # SPF7302
Description  Full Bridge DC Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SPF7302 Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button SPF7302 Datasheet HTML 7Page - Allegro MicroSystems SPF7302 Datasheet HTML 8Page - Allegro MicroSystems SPF7302 Datasheet HTML 9Page - Allegro MicroSystems SPF7302 Datasheet HTML 10Page - Allegro MicroSystems SPF7302 Datasheet HTML 11Page - Allegro MicroSystems SPF7302 Datasheet HTML 12Page - Allegro MicroSystems SPF7302 Datasheet HTML 13Page - Allegro MicroSystems SPF7302 Datasheet HTML 14Page - Allegro MicroSystems SPF7302 Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Full Bridge DC Motor Driver
SPF7302
11
OCL deactivated
OCP activated
3 A (typ.) current limit
DI
DLY
INx
IOUTX
VINx(threshold)
VDLY(th)
DI
OUTx
2.5 μs
INx
DIAG
OUTx
DIAG
DIAG (high)
Normal Operation
At Open Load
A
A
A
VDI_H(threshold)
Open load detection during normal operation of the IC is done
by checking the negative potential of the output.
Referring to figure 6, during normal operation, recirculation
current causes the output to be below GND. The IC checks the
output voltage during 2.5 μs typical, just after the falling edge
of the corresponding IN signal, and if it does not detect the
negative potential, DIAG is asserted after the 2.5 μs detection
period. During the 2.5 μs period, the DIAG pin is set to high
because the internal circuit is reset during that period (see the
arrows marked A in figure 6).
Open load detection operates differently during startup of the
IC. The overcurrent limitation deactivated period occurs imme-
diately after DI is asserted. Therefore, in order to repeat OCL
deactivation, recycle DI.
During this period, overcurrent protection (OCP) is still active.
(With regard to OCL delay, see also note 2 to the Electrical
Characteristics table.)
Figure 6. Open load detection in normal operation
Figure 7. DLY pin effect at startup
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com