Electronic Components Datasheet Search
  English  ▼

X  

MT4C4001JC-7/XT Datasheet(PDF) 6 Page - Austin Semiconductor

Part # MT4C4001JC-7/XT
Description  1 MEG x 4 DRAM Fast Page Mode DRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

MT4C4001JC-7/XT Datasheet(HTML) 6 Page - Austin Semiconductor

Back Button MT4C4001JC-7/XT Datasheet HTML 2Page - Austin Semiconductor MT4C4001JC-7/XT Datasheet HTML 3Page - Austin Semiconductor MT4C4001JC-7/XT Datasheet HTML 4Page - Austin Semiconductor MT4C4001JC-7/XT Datasheet HTML 5Page - Austin Semiconductor MT4C4001JC-7/XT Datasheet HTML 6Page - Austin Semiconductor MT4C4001JC-7/XT Datasheet HTML 7Page - Austin Semiconductor MT4C4001JC-7/XT Datasheet HTML 8Page - Austin Semiconductor MT4C4001JC-7/XT Datasheet HTML 9Page - Austin Semiconductor MT4C4001JC-7/XT Datasheet HTML 10Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
DRAM
DRAM
DRAM
DRAM
DRAM
MT4C4001J
MT4C4001J
Rev. 2.2 06/05
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
6
Austin Semiconductor, Inc.
ELECTRICAL CHARACTERISTICS AND RECOMMENDED AC OPERATING CONDITIONS
(NOTES: 6, 7, 8, 9, 10, 11, 12, 13) (-55°C < T
C
< 125°C; V
CC
= 5V ±10%)
PARAMETER
SYM
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
NOTES
Write command hold time
tWCH
15
15
20
25
ns
Write command hold time (referenced to RAS\)
tWCR
50
60
70
80
ns
Write command pulse width
tWP
15
15
20
25
ns
Write command to RAS\ lead time
tRWL
20
20
25
30
ns
Write commend to CAS\ lead time
tCWL
20
20
25
30
ns
Data-in setup time
tDS
0000
ns
22
Data-in hold time
tDH
12
15
18
25
ns
22
Data-in hold time (referenced to RAS\)
tDHR
50
60
70
90ns
RAS\ to WE\ delay time
tRWD
95
105
130
140
ns
21
Column address to WE\ delay time
tAWD
60
65
80
90ns
21
CAS\ to WE\ delay time
tCWD
45
45
55
60
ns
21
Transition time (rise or fall)
tT
3
50
3
50
3
50
3
50
ns
Refresh period (1,024 cycles)
tREF
16
16
16
16
ms
RAS\ to CAS\ precharge time
tRPC
0000
ns
CAS\ setup time (CAS\-BEFORE-RAS\ REFRESH)
tCSR
5
101010
ns
5
CAS\ hold time (CAS\-BEFORE-RAS\ REFRESH)
tCHR
10
15
20
25
ns
5
WE\ hold time (CAS\-BEFORE-RAS\ REFRESH)
tWRH
10
10
10
10
ns
25, 28
WE\ setup time (CAS\-BEFORE-RAS\ REFRESH)
tWRP
10
10
10
10
ns
25, 28
WE\ hold time (WCBR test cycle)
tWTH
10
10
10
10
ns
25, 28
WE\ setup time (WCBR test cycle)
tWTS
10
10
10
10
ns
25, 28
OE\ setup prior to RAS during HIDDEN REFRESH cycle
tORD
0000
ns
Output disable
tOD
15
20
25
25
ns
27
Output enable
tOE
15
20
25
25
ns
23
OE\ hold time from WE\ during READ-MODIFY-WRITE cycle
tOEH
20
20
25
25
ns
26
-7
-8
-10
-12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com