Electronic Components Datasheet Search
  English  ▼

X  

MT4C4001JC-7/XT Datasheet(PDF) 17 Page - Austin Semiconductor

Part # MT4C4001JC-7/XT
Description  1 MEG x 4 DRAM Fast Page Mode DRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

MT4C4001JC-7/XT Datasheet(HTML) 17 Page - Austin Semiconductor

Back Button MT4C4001JC-7/XT Datasheet HTML 13Page - Austin Semiconductor MT4C4001JC-7/XT Datasheet HTML 14Page - Austin Semiconductor MT4C4001JC-7/XT Datasheet HTML 15Page - Austin Semiconductor MT4C4001JC-7/XT Datasheet HTML 16Page - Austin Semiconductor MT4C4001JC-7/XT Datasheet HTML 17Page - Austin Semiconductor MT4C4001JC-7/XT Datasheet HTML 18Page - Austin Semiconductor MT4C4001JC-7/XT Datasheet HTML 19Page - Austin Semiconductor MT4C4001JC-7/XT Datasheet HTML 20Page - Austin Semiconductor MT4C4001JC-7/XT Datasheet HTML 21Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
DRAM
DRAM
DRAM
DRAM
DRAM
MT4C4001J
MT4C4001J
Rev. 2.2 06/05
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
17
Austin Semiconductor, Inc.
ASI Case #504 (Package Designator ECJ)
MECHANICAL DEFINITION*
*All measurements are in inches.
NOTE: The Difference between the ECJ & ECJA packages is that the ECJA has different lead
attach with 5% Sn / 95% Pb solder connection whereas the ECJ package uses compression
weld lead attach. Both package’s lead material is JEDEC TYPE MO-110 option A ‘J’ Form
Copper material.
MIN
MAX
A
0.12
0.14
A1
b
0.012 DIA
0.016 DIA
b1
b2
0.09
0.110
D
0.665
0.685
D1
0.592
0.608
E
0.345
0.355
E1
0.300
0.315
e
0.045
0.055
L
0.055
0.065
SYMBOL
ASI SPECIFICATIONS
0.050 TYP
0.035 TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com