Electronic Components Datasheet Search
  English  ▼

X  

MT4C4001JC-7/XT Datasheet(PDF) 4 Page - Austin Semiconductor

Part # MT4C4001JC-7/XT
Description  1 MEG x 4 DRAM Fast Page Mode DRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

MT4C4001JC-7/XT Datasheet(HTML) 4 Page - Austin Semiconductor

  MT4C4001JC-7/XT Datasheet HTML 1Page - Austin Semiconductor MT4C4001JC-7/XT Datasheet HTML 2Page - Austin Semiconductor MT4C4001JC-7/XT Datasheet HTML 3Page - Austin Semiconductor MT4C4001JC-7/XT Datasheet HTML 4Page - Austin Semiconductor MT4C4001JC-7/XT Datasheet HTML 5Page - Austin Semiconductor MT4C4001JC-7/XT Datasheet HTML 6Page - Austin Semiconductor MT4C4001JC-7/XT Datasheet HTML 7Page - Austin Semiconductor MT4C4001JC-7/XT Datasheet HTML 8Page - Austin Semiconductor MT4C4001JC-7/XT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
DRAM
DRAM
DRAM
DRAM
DRAM
MT4C4001J
MT4C4001J
Rev. 2.2 06/05
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
4
Austin Semiconductor, Inc.
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Vss.................-1.0V to +7.0V
Storage Temperature.......................................-65oC to +150oC
Power Dissipation.................................................................1W
Short Circuit Output Current...........................................50mA
Lead Temperature (soldering 5 seconds).....................+270oC
*Stresses greater than those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the
operation section of this specification is not implied.
Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
ELECTRICAL CHARACTERISTICS AND RECOMMENDED DC OPERATING CONDITIONS
(NOTES: 1, 3, 4, 6, 7) (-55°C < T
A < 125°C; VCC = 5V ±10%)
PARAMETER/CONDITION
SYM
MIN
MAX
UNITS
NOTES
Supply Voltage
VCC
4.5
5.5
V
Input High (Logic 1) Voltage, All Inputs
VIH
2.4
VCC+0.5
V
Input Low (Logic 0) Voltage, All Inputs
VIL
-0.5
0.8
V
INPUT LEAKAGE CURRENT
Any Input 0V < VIN < 5.5V Vcc = 5.5V
(All other pints not under test = 0V)
II
-5
5
µA
OUTPUT LEAKAGE CURRENT
(Q is Disabled, 0V < VOUT < 5.5V) Vcc = 5.5V
IOZ
-5
5
µA
VOH
2.4
V
VOL
0.4
V
OUTPUT LEVELS
Output High Voltage (IOUT = -5mA)
Output Low Voltage (IOUT = 4.2mA)
PARAMETER/CONDITION
SYM
-7
-8
-10
-12
UNITS NOTES
STANDBY CURRENT (TTL)
(RAS\ = CAS\ = VIH)
ICC1
4444
mA
STANDBY CURRENT (CMOS)
(RAS\ = CAS\ = VCC -0.2V; all other inputs = VCC -0.2V)
ICC2
2222
mA
OPERATING CURRENT: Random READ/WRITE
Average Power-Supply Current
(RAS\, CAS\, Address Cycling: tRC = tRC(MIN))
ICC3
85
75
65
70
mA
3, 4
OPERATING CURRENT: FAST PAGE MODE
Average Power-Supply Current
(RAS\ = VIL, CAS\, Address Cycling: tPC = tPC (MIN))
ICC4
60
50
45
40
mA
3, 4
REFRESH CURRENT: RAS\-ONLY
Average Power-Supply Current
(RAS\ Cycling, CAS\ = VIH: tRC = tRC (MIN))
ICC5
85
75
65
70
mA
3
REFRESH CURRENT: CAS\-BEFORE-RAS\
Average Power-Supply Current
(RAS\, CAS\, Address Cycling: tRC = tRC (MIN))
ICC6
85
75
65
70
mA
3, 5
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com