Electronic Components Datasheet Search
  English  ▼

X  

MT4C4001JC-7/XT Datasheet(PDF) 13 Page - Austin Semiconductor

Part # MT4C4001JC-7/XT
Description  1 MEG x 4 DRAM Fast Page Mode DRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

MT4C4001JC-7/XT Datasheet(HTML) 13 Page - Austin Semiconductor

Back Button MT4C4001JC-7/XT Datasheet HTML 9Page - Austin Semiconductor MT4C4001JC-7/XT Datasheet HTML 10Page - Austin Semiconductor MT4C4001JC-7/XT Datasheet HTML 11Page - Austin Semiconductor MT4C4001JC-7/XT Datasheet HTML 12Page - Austin Semiconductor MT4C4001JC-7/XT Datasheet HTML 13Page - Austin Semiconductor MT4C4001JC-7/XT Datasheet HTML 14Page - Austin Semiconductor MT4C4001JC-7/XT Datasheet HTML 15Page - Austin Semiconductor MT4C4001JC-7/XT Datasheet HTML 16Page - Austin Semiconductor MT4C4001JC-7/XT Datasheet HTML 17Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
DRAM
DRAM
DRAM
DRAM
DRAM
MT4C4001J
MT4C4001J
Rev. 2.2 06/05
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
13
Austin Semiconductor, Inc.
MECHANICAL DEFINITIONS*
ASI Case #103 (Package Designator CN)
SMD 5962-90847, Case Outline R
NOTE: These dimensions are per the SMD. ASI's package dimensional limits
may differ, but they will be within the SMD limits.
* All measurements are in inches.
D
E
Pin 1
A
Q
L
e
b
b2
S1
eA
c
R
MIN
MAX
A
---
0.200
b
0.014
0.026
b2
0.045
0.065
c
0.008
0.018
D
---
1.060
E
0.220
0.310
eA
e
Q
0.015
0.070
L
0.125
0.200
S1
0.005
---
R
90°
105°
SYMBOL
SMD Specifications
0.100 BSC
0.300 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com