Electronic Components Datasheet Search
  English  ▼

X  

AD9547BCPZ Datasheet(PDF) 38 Page - Analog Devices

Part # AD9547BCPZ
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547BCPZ Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9547BCPZ Datasheet HTML 34Page - Analog Devices AD9547BCPZ Datasheet HTML 35Page - Analog Devices AD9547BCPZ Datasheet HTML 36Page - Analog Devices AD9547BCPZ Datasheet HTML 37Page - Analog Devices AD9547BCPZ Datasheet HTML 38Page - Analog Devices AD9547BCPZ Datasheet HTML 39Page - Analog Devices AD9547BCPZ Datasheet HTML 40Page - Analog Devices AD9547BCPZ Datasheet HTML 41Page - Analog Devices AD9547BCPZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 104 page
background image
AD9547
Rev. 0 | Page 38 of 104
The LF path permits the user to provide an LVPECL, LVDS,
CMOS, or sinusoidal low frequency clock for multiplication
by the integrated SYSCLK PLL. The LF path handles input
frequencies from 3.5 MHz up to 100 MHz. However, when
using a sinusoidal input signal, it is best to use a frequency in
excess of 20 MHz. Otherwise, the resulting low slew rate can
lead to substandard noise performance. Note that the LF path
includes an optional 2× frequency multiplier to double the rate
at the input to the SYSCLK PLL and potentially reduce the PLL
in-band noise. However, to avoid exceeding the maximum PFD
rate of 150 MHz, use of the 2× frequency multiplier is valid only
for input frequencies below 125 MHz.
The XTAL path enables the connection of a crystal resonator
(typically 10 MHz to 50 MHz) across the SYSCLKx input pins.
An internal amplifier provides the negative resistance required
to induce oscillation. The internal amplifier expects a 3.2 mm ×
2.5 mm AT cut, fundamental mode crystal with a maximum
motional resistance of 100 Ω. The following crystals, listed in
alphabetical order, may meet these criteria. Note that, although
these crystals meet the preceding criteria according to their data
sheets, Analog Devices, Inc., does not guarantee their opera-tion
with the AD9547, nor does Analog Devices endorse one crystal
manufacturer/supplier over another.
•
AVX/Kyocera CX3225SB
•
ECS ECX-32
•
Epson/Toyocom TSX-3225
•
NDK NX3225SA
•
Siward SX-3225
SYSCLK PLL MULTIPLIER
The SYSCLK PLL multiplier is an integer-N design and relies on
an integrated LC tank and VCO. It provides a means to convert
a low frequency clock input to the desired system clock frequency,
fS (900 MHz to 1 GHz). The SYSCLK PLL multiplier accepts input
signals between 3.5 MHz and 500 MHz, but frequencies in excess
of 150 MHz require the M-divider to ensure compliance with
the maximum PFD rate (150 MHz). The PLL contains a feedback
divider (N) that is programmable for divide values between 6 and
255. The nominal VCO gain is 70 MHz/V.
Lock Detector
The SYSCLK PLL has a built-in lock detector. Register 0x0100,
Bit 2 determines whether the lock detector is active. When it
is active (default), the user controls the sensitivity of the lock
detector via the lock detect divider bits (Register 0x0100, Bits[1:0]).
Note that a value of zero must be written to the system clock
stability timer (Register 0x0106 to Register 0x0108) whenever
the lock detector is disabled (Register 0x0100, Bit 2 = 1).
The SYSCLK PLL phase detector operates at the PFD rate, which is
fVCO/N. Each PFD sample indicates whether the reference and feed-
back signals are phase aligned (within a certain threshold range).
While the PLL is in the process of acquiring a lock condition,
the PFD samples typically consist of an arbitrary sequence of
in-phase and out-of-phase indications. As the PLL approaches
complete phase lock, the number of consecutive in-phase PFD
samples grows larger. Thus, one way of indicating a locked
condition is to count the number of consecutive in-phase PFD
samples and, if it exceeds a certain value, declare the PLL locked.
This is exactly the role of the lock detect divider bits. When the
lock detector is enabled (Register 0x0100, Bit 2 = 0), the lock detect
divider bits determine the number of consecutive in-phase deci-
sions that are required (128, 256, 512, or 1024) before the lock
detector declares a locked condition. The default setting is 128.
Charge Pump
The charge pump operates in either automatic or manual mode,
based on the charge pump mode bit (Register 0x0100, Bit 6).
When Register 0x0100, Bit 6 = 0, the AD9547 automatically selects
the appropriate charge pump current based on the N divider value.
Note that the user does not have control of the charge pump cur-
rent bits (Register 0x0100, Bits[5:3]) in automatic mode. When
Register 0x0100, Bit 6 = 1, the user determines the charge pump
current via the charge pump current bits (Register 0x0100,
Bits[5:3]). The charge pump current varies from 125 μA to 1 mA
in 125 μA steps. The default setting is 500 μA.
SYSCLK PLL Loop Filter
The AD9547 has an internal second-order loop filter that estab-
lishes the loop dynamics for input signals between 12.5 MHz and
100 MHz. By default, the device uses the internal loop filter.
However, an external loop filter option is available by setting
the external loop filter enable bit (Register 0x0100, Bit 7). This
bit bypasses the internal loop filter and allows the device to use
an externally connected second-order loop filter, as shown in
Figure 44.
SYSCLK_VREG
R1
AD9547
SYSCLK_LF
C1
C2
34
35
Figure 44. External Loop Filter Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com