Electronic Components Datasheet Search
  English  ▼

X  

AD9547BCPZ Datasheet(PDF) 40 Page - Analog Devices

Part # AD9547BCPZ
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547BCPZ Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9547BCPZ Datasheet HTML 36Page - Analog Devices AD9547BCPZ Datasheet HTML 37Page - Analog Devices AD9547BCPZ Datasheet HTML 38Page - Analog Devices AD9547BCPZ Datasheet HTML 39Page - Analog Devices AD9547BCPZ Datasheet HTML 40Page - Analog Devices AD9547BCPZ Datasheet HTML 41Page - Analog Devices AD9547BCPZ Datasheet HTML 42Page - Analog Devices AD9547BCPZ Datasheet HTML 43Page - Analog Devices AD9547BCPZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 104 page
background image
AD9547
Rev. 0 | Page 40 of 104
Super-Nyquist operation requires a band-pass filter at the DAC
output instead of the usual low-pass reconstruction filter. Super-
Nyquist operation is viable as long as the image frequency does
not exceed the 800 MHz input range of the receiver. Furthermore,
to provide acceptable jitter performance, which is a consideration
for image signals with low amplitude, the signal at the CLKINx
inputs must meet the minimum slew rate requirements.
Clock Dividers
The output clock distribution dividers are referred to as Q0 and Q1,
corresponding to the OUT0 and OUT1 output channels, respec-
tively. Each divider is programmable with 30 bits of division depth.
The actual divide ratio is one more than the programmed register
value; therefore, a register value of 3, for example, results in a
divide ratio of 4. Thus, each divider offers a range of divide ratios
from 1 to 230 (1 to 1,073,741,824).
With an even divide ratio, the output signal always exhibits a
50% duty cycle. When the clock divider is bypassed (a divide
ratio of 1), the output duty cycle is the same as the input duty
cycle. Odd output divide ratios (excluding 1) exhibit automatic
duty cycle correction given by
N
X
N
Cycle
Duty
Output
2
1
2
−
+
=
where:
N (which must be an odd number) is the divide ratio.
X is the normalized fraction of the high portion of the input period
(that is, 0 < X < 1).
For example, if N = 5 and the input duty cycle is 20% (X = 0.2),
then the output duty cycle is 44%. Note that, when the user
programs an output as noninverting, then the device adjusts the
falling edge timing to accomplish the duty cycle cor-rection.
Conversely, the device adjusts the rising edge timing for an
inverted output.
Output Power-Down
Each output channel offers independent control of power-down
functionality via the distribution settings register (Address 0x0400).
Each output channel has a dedicated power-down bit for powering
down the output driver. However, if both channels are powered
down, the entire distribution output enters a deep sleep mode.
Even though each channel has a channel power-down control
signal, it may sometimes be desirable to power down an output
driver while maintaining the divider’s synchronization with the
other channel dividers. This is accomplished by either of the
following methods:
•
In CMOS mode, use the divider output enable control bit
to stall an output. This provides power savings while main-
taining dc drive at the output.
•
In LVDS/LVPECL mode, place the output in tristate mode
(this works in CMOS mode as well).
Output Enable
Each output channel offers independent control of enable/
disable functionality using the distribution enable register
(Address 0x0401). The distribution outputs use synchronization
logic to control enable/disable activity to avoid the production
of runt pulses and to ensure that outputs with the same divide
ratios become active/inactive in unison.
Output Mode
The user has independent control of the operating mode of each of
the two output channels via the distribution channel modes register
(Address 0x0404 and Address 0x0405). The operating mode
control includes
•
Logic family and pin functionality
•
Output drive strength
•
Output polarity
The three LSBs of both distribution channel mode registers com-
prise the mode bits. The mode value selects the desired logic
family and pin functionality of an output channel, as listed in
Table 23.
Table 23. Output Channel Logic Family and Pin Functionality
Mode Bits [2:0]
Logic Family and Pin Functionality
000
CMOS (both pins)
001
CMOS (positive pin), tristate (negative pin)
010
Tristate (positive pin), CMOS (negative pin)
011
Tristate (both pins)
100
LVDS
101
LVPECL
110
Unused
111
Unused
Regardless of the selected logic family, each is capable of dc
operation. However, the upper frequency is limited by the load
conditions, drive strength, and impedance matching inherent in
each logic family. Practical limitations set the maximum CMOS
frequency to approximately 250 MHz, whereas LVPECL and
LVDS are capable of 725 MHz.
In addition to the three mode bits, both distribution channel
mode registers include the following control bits:
•
Polarity invert
•
CMOS phase invert
•
Drive strength
The polarity invert bit enables the user to choose between normal
polarity and inverted polarity. Normal polarity is the default
state. Inverted polarity reverses the representation of Logic 0
and Logic 1 regardless of the logic family.
The CMOS phase invert bit applies only when the mode bits select
the CMOS logic family. In CMOS mode, both output pins of the
channel have a dedicated CMOS driver. By default, both drivers
deliver identical signals. However, setting the CMOS phase invert
bit causes the signal on an OUTxN pin to be the opposite of the
signal appearing on the OUTxP pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com