Electronic Components Datasheet Search
  English  ▼

X  

AD9547BCPZ Datasheet(PDF) 41 Page - Analog Devices

Part # AD9547BCPZ
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547BCPZ Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9547BCPZ Datasheet HTML 37Page - Analog Devices AD9547BCPZ Datasheet HTML 38Page - Analog Devices AD9547BCPZ Datasheet HTML 39Page - Analog Devices AD9547BCPZ Datasheet HTML 40Page - Analog Devices AD9547BCPZ Datasheet HTML 41Page - Analog Devices AD9547BCPZ Datasheet HTML 42Page - Analog Devices AD9547BCPZ Datasheet HTML 43Page - Analog Devices AD9547BCPZ Datasheet HTML 44Page - Analog Devices AD9547BCPZ Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 104 page
background image
AD9547
Rev. 0 | Page 41 of 104
The drive strength bit allows the user to control whether the
output uses weak (0) or strong (1) drive capability (applies to
CMOS and LVDS but not LVPECL). For the CMOS family, the
strong setting implies normal CMOS drive capability, whereas
the weak setting implies low capacitive loading and allows for
reduced EMI. For the LVDS family, the weak setting provides
3.5 mA drive current for standard LVDS operation, whereas the
strong setting provides 7 mA for double terminated or double
voltage LVDS operation. Note that 3.5 mA and 7 mA are the
nominal drive current values when using the internal current
setting resistor.
Output Current Control with an External Resistor
By default, the output drivers have an internal current setting
resistor (3.12 kΩ nominal) that establishes the nominal drive
current for the LVDS and LVPECL operating modes. Instead of
using the internal resistor, the user can elect to set the external
distribution resistor bit (Register 0x0400, Bit 5) and connect an
external resistor to the OUT_RSET pin. Note that this feature
supports an external resistor value of 3.12 kΩ only, allowing for
tighter control of the output current than is possible by using
the internal current setting resistor. However, if the user elects
to use a nonstandard external resistance, the following equations
provide the output drive current as a function of the external
resistance (R):
R
I
0
LVDS
8325
.
10
=
R
I
1
LVDS
665
.
21
=
R
I
LVPECL
76
.
24
=
The numeric subscript associated with the LVDS output cur-
rent corresponds to the logic state of the drive strength bit in the
distribution channel modes registers (Address 0x0404, Bit 3 and
Address 0x0405, Bit 3). For R = 3.12 kΩ, the equations yield
ILVDS0 = 3.5 mA, ILVDS1 = 7.0 mA, and ILVPECL = 8.0 mA. Note that
the device maintains a constant 1.238 V (nominal) across the
external resistor.
Clock Distribution Synchronization
A block diagram of the distribution synchronization functionality
appears in Figure 46. The synchronization sequence begins with
the primary synchronization signal, which ultimately results in
delivery of a synchronization strobe to the clock distribution logic.
As indicated, the primary synchronization signal originates
from the following four possible sources:
•
Direct synchronization source via the sync distribution bit
(Register 0x0A02, Bit 1)
•
Automatic synchronization source based on frequency or
phase lock detection, as controlled via the automatic synchro-
nization register (Address 0x0403)
•
Multifunction pin synchronization source via one of the
multifunction pins (M0 to M7)
•
EEPROM synchronization source via the EEPROM
All four sources of the primary synchronization signal are logic
OR’d, so any one of them can synchronize the clock distribution
output at any time. When using the multifunction pins, the syn-
chronization event is the falling edge of the selected signal. When
using the sync distribution bit, the user first sets then clears the bit.
The synchronization event is the clearing operation; that is, the
Logic 1 to Logic 0 transition of the bit.
The primary synchronization signal can synchronize the distri-
bution output directly, or it can enable a secondary synchronization
signal. This functionality depends on the two sync source bits
in the distribution synchronization register (Register 0x0402,
Bits[5:4]).
When sync source = 00 (direct), the falling edge of the primary
synchronization signal directly synchronizes the distribution
output.
When sync source = 01, the rising edge of the primary synchroni-
zation signal triggers the circuitry that detects a rising edge of the
active input reference. The detection of the rising edge synchro-
nizes the distribution output.
When sync source = 10, the rising edge of the primary synchro-
nization signal triggers the circuitry that detects a rollover of the
DDS accumulator (after processing by the DPLL feedback divider).
This corresponds to the zero crossing of the output of the phase-to-
amplitude converter in the DDS (less the open-loop phase offset
stored in Register 0x030D and Register 0x030E). The detection
of the DPLL feedback edge synchronizes the distribution output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com