Electronic Components Datasheet Search
  English  ▼

X  

AD9547BCPZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD9547BCPZ
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547BCPZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9547BCPZ Datasheet HTML 11Page - Analog Devices AD9547BCPZ Datasheet HTML 12Page - Analog Devices AD9547BCPZ Datasheet HTML 13Page - Analog Devices AD9547BCPZ Datasheet HTML 14Page - Analog Devices AD9547BCPZ Datasheet HTML 15Page - Analog Devices AD9547BCPZ Datasheet HTML 16Page - Analog Devices AD9547BCPZ Datasheet HTML 17Page - Analog Devices AD9547BCPZ Datasheet HTML 18Page - Analog Devices AD9547BCPZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 104 page
background image
AD9547
Rev. 0 | Page 15 of 104
PIN 1
INDICATOR
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
DVDD
SCLK/SCL
SDIO
SDO
CS/SDA
DVDD
DVDD3
DVDD
RESET
DVDD
DVDD
VSS
DACOUTP
DACOUTN
VSS
AVDD3
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PAD MUST BE CONNECTED TO GROUND (VSS).
REFBB
REFB
AVDD
REFAA
REFA
AVDD3
AVDD
TDC_VRT
TDC_VRB
AVDD
SYSCLKP
SYSCLKN
AVDD
SYSCLK_LF
SYSCLK_VREG
AVDD3
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
AD9547
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 21. Pin Function Descriptions
Pin No.
Input/
Output
Pin Type
Mnemonic
Description
1, 6, 8, 53, 59,
64
I
Power
DVDD
1.8 V Digital Supply.
2
I
3.3 V CMOS
SCLK/SCL
Serial Programming Clock. Data clock for serial programming. SCLK is used for
SPI mode, and SCL is used for I2C® mode.
3
I/O
3.3 V CMOS
SDIO
Serial Data Input/Output. When the device is in 4-wire mode, data is written
via this pin. In 3-wire mode, both data reads and writes occur on this pin.
There is no internal pull-up/pull-down resistor on this pin.
4
O
3.3 V CMOS
SDO
Serial Data Output. Use this pin to read data in 4-wire mode (high impedance
in 3-wire mode). There is no internal pull-up/pull-down resistor on this pin.
5
I
3.3 V CMOS
CS/SDA
SPI Mode.
Chip Select (CS) Input. Active low. When programming a device, this pin must
be held low. In systems where more than one AD9547 is present, this pin enables
individual programming of each AD9547. In SPI mode, this pin has an internal
30 kΩ pull-up resistor.
I2C Mode.
Serial Data Line (SDA) Input/Output. In I2C Mode, this pin is an output during
read operations and an input during write operations. There is no internal
pull-up resistor in I2C mode.
7, 58
I
Power
DVDD3
3.3 V I/O Digital Supply.
9
I
3.3 V CMOS
RESET
Chip Reset. Assertion of this pin (active high) resets the device. This pin has an
internal 50 kΩ pull-down resistor.
10, 11
I
Power
DVDD
1.8 V DAC Decode Digital Supply. Isolate the supply associated with these
DVDD pins from the supply associated with the other DVDD pins.
12, 15, 19, 22
O
Ground
VSS
Analog Ground. Connect to ground.
13
O
Differential
output
DACOUTP
DAC Output. DACOUTP contains an internal 50 Ω pull-down resistor.
14
O
Differential
output
DACOUTN
Complementary DAC Output. DACOUTN contains an internal 50 Ω pull-down
resistor.
16
I
Power
AVDD3
3.3 V Analog (DAC) Power Supply.
17, 18
I
Power
AVDD
1.8 V Analog (DAC) Power Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com