Electronic Components Datasheet Search
  English  ▼

X  

ADIS16362 Datasheet(PDF) 9 Page - Analog Devices

Part # ADIS16362
Description  Six Degrees of Freedom Inertial Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16362 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADIS16362 Datasheet HTML 5Page - Analog Devices ADIS16362 Datasheet HTML 6Page - Analog Devices ADIS16362 Datasheet HTML 7Page - Analog Devices ADIS16362 Datasheet HTML 8Page - Analog Devices ADIS16362 Datasheet HTML 9Page - Analog Devices ADIS16362 Datasheet HTML 10Page - Analog Devices ADIS16362 Datasheet HTML 11Page - Analog Devices ADIS16362 Datasheet HTML 12Page - Analog Devices ADIS16362 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADIS16362
Rev. 0 | Page 9 of 20
THEORY OF OPERATION
BASIC OPERATION
The ADIS16362 is an autonomous sensor system that starts up
after it has a valid power supply voltage and begins producing
inertial measurement data at the factory default sample rate
setting of 819.2 SPS. After each sample cycle, the sensor data is
loaded into the output registers, and DIO1 pulses high, which
provides a new data ready control signal for driving system-
level interrupt service routines. In a typical system, a master
processor accesses the output data registers through the SPI
interface, using the connection diagram shown in Figure 9.
Table 6 provides a generic functional description for each pin
on the master processor. Table 7 describes the typical master
processor settings that are normally found in a configuration
register and used for communicating with the ADIS16362.
SYSTEM
PROCESSOR
SPI MASTER
ADIS16362
SPI SLAVE
SCLK
CS
DIN
DOUT
SCLK
SS
MOSI
MISO
5V
IRQ
DIO1
VDD
I/O LINES ARE COMPATIBLE WITH
3.3V OR 5V LOGIC LEVELS
10
6
3
5
4
7
11
12
13
14
15
Figure 9. Electrical Connection Diagram
Table 6. Generic Master Processor Pin Names and Functions
Pin Name
Function
SS
Slave select
IRQ
Interrupt request
MOSI
Master output, slave input
MISO
Master input, slave output
SCLK
Serial clock
Table 7. Generic Master Processor SPI Settings
Processor Setting
Description
Master
The ADIS16362 operates as a slave
SCLK Rate ≤ 2 MHz1
Normal mode, SMPL_PRD[7:0] ≤ 0x09
SPI Mode 3
CPOL = 1 (polarity), CHPA = 1 (phase)
MSB First Mode
Bit sequence
16-Bit Mode
Shift register/data length
1 For burst read, SCLK rate ≤ 1 MHz. For low power mode, SCLK rate ≤ 300 kHz.
The user registers provide addressing for all input/output opera-
tions on the SPI interface. Each 16-bit register has two 7-bit
addresses: one for its upper byte and one for its lower byte.
Table 8 lists the lower byte address for each register, and Figure 10
shows the generic bit assignments.
UPPER BYTE
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
LOWER BYTE
Figure 10. Generic Register Bit Assignments
READING SENSOR DATA
Although the ADIS16362 produces data independently, it oper-
ates as a SPI slave device that communicates with system (master)
processors using the 16-bit segments displayed in Figure 11.
Individual register reads require two of these 16-bit sequences. The
first 16-bit sequence provides the read command bit (R/W = 0)
and the target register address (A6 to A0). The second sequence
transmits the register contents (D15 to D0) on the DOUT line.
For example, if DIN = 0x0A00, the contents of XACCL_OUT are
shifted out on the DOUT line during the next 16-bit sequence.
The SPI operates in full-duplex mode, which means that the master
processor can read the output data from DOUT while using the
same SCLK pulses to transmit the next target address on DIN.
DEVICE CONFIGURATION
The user register memory map (see Table 8) identifies configu-
ration registers with either a W or R/W. Configuration commands
also use the bit sequence shown in Figure 11. If the MSB = 1, the
last eight bits (DC7 to DC0) in the DIN sequence are loaded into
the memory address associated with the address bits (A6 to A0).
For example, if DIN = 0xA11F, 0x1F is loaded into Address 0x21
(XACCL_OFF, upper byte) at the conclusion of the data frame.
The master processor initiates the backup function by setting
GLOB_CMD[3] = 1 (DIN = 0xBE04). This command copies
the user registers into their assigned flash memory locations
and requires the power supply to stay within its normal operating
range for the entire 50 ms process. The FLASH_CNT register
provides a running count of these events for monitoring the
long-term reliability of the flash memory.
R/W
R/W
A6
A5
A4
A3
A2
A1
A0
DC7 DC6 DC5 DC4 DC3 DC2 DC1 DC0
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
NOTES
1. DOUT BITS ARE BASED ON THE PREVIOUS 16-BIT SEQUENCE (R = 0).
CS
SCLK
DIN
DOUT
A6
A5
D13
D14
D15
Figure 11. SPI Communication Bit Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com