Electronic Components Datasheet Search
  English  ▼

X  

ADIS16362 Datasheet(PDF) 13 Page - Analog Devices

Part # ADIS16362
Description  Six Degrees of Freedom Inertial Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16362 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADIS16362 Datasheet HTML 9Page - Analog Devices ADIS16362 Datasheet HTML 10Page - Analog Devices ADIS16362 Datasheet HTML 11Page - Analog Devices ADIS16362 Datasheet HTML 12Page - Analog Devices ADIS16362 Datasheet HTML 13Page - Analog Devices ADIS16362 Datasheet HTML 14Page - Analog Devices ADIS16362 Datasheet HTML 15Page - Analog Devices ADIS16362 Datasheet HTML 16Page - Analog Devices ADIS16362 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADIS16362
Rev. 0 | Page 13 of 20
Internal Sample Rate
The SMPL_PRD register provides discrete sample rate settings
using the bit assignments in Table 18 and the following equation:
tS = tB × (NS + 1)
For example, when SMPL_PRD[7:0] = 0x0A, the sample rate is
149 SPS.
Table 18. SMPL_PRD Bit Descriptions
Bit
Description (Default = 0x0001)
[15:8]
Not used
[7]
Time base (tB)
0 = 0.61035 ms, 1 = 18.921 ms
[6:0]
Increment setting (NS)
Internal sample period = tS = tB × (NS + 1)
The default sample rate setting of 819.2 SPS preserves the sensor
bandwidth and provides optimal performance. For systems that
value slower sample rates, keep the internal sample rate at
819.2 SPS. Use the programmable filter (SENS_AVG) to reduce
the bandwidth, which helps to prevent aliasing. The data ready
function (MSC_CTRL) can drive an interrupt routine that uses
a counter to help ensure data coherence at the reduced rates.
Power Management
Setting SMPL_PRD ≥ 0x0A also sets the sensor to low power
mode. For systems that require lower power dissipation, in-
system characterization helps users to quantify the associated
performance trade-offs. In addition to sensor performance, this
mode affects SPI data rates (see Table 2). Set SLP_CNT[8] = 1
(DIN = 0xBB01) to start the indefinite sleep mode, which
requires a CS assertion (high to low), reset, or power cycle to
wake up. Use SLP_CNT[7:0] to put the device into sleep mode
for a specified period. For example, SLP_CNT[7:0] = 0x64
(DIN = 0xBA64) puts the ADIS16362 to sleep for 50 sec.
Table 19. SLP_CNT Bit Descriptions
Bit
Description
[15:9]
Not used
[8]
Indefinite sleep mode; set to 1
[7:0]
Programmable sleep time bits, 0.5 sec/LSB
Digital Filtering
A programmable low-pass filter can provide additional noise
reduction on the inertial sensor outputs. This filter contains two
cascaded averaging filters that provide a Bartlett window, FIR filter
response (see Figure 14). For example, set SENS_AVG[2:0] = 100
(DIN = 0xB804) to set each stage to 16 taps. When used with the
default sample rate of 819.2 SPS, this value reduces the sensor
bandwidth to approximately 16 Hz.
0
–20
–40
–60
–80
–100
–120
–140
0.001
0.01
0.1
1
FREQUENCY (Ratio)
N = 2
N = 4
N = 16
N = 64
Figure 14. Bartlett Window, FIR Filter Frequency Response
(Phase Delay = N Samples)
Dynamic Range
The SENS_AVG[10:8] bits provide three dynamic range settings
for this gyroscope. The lower dynamic range settings (±75°/sec
and ±150°/sec) limit the minimum filter tap sizes to maintain
resolution. For example, set SENS_AVG[10:8] = 010 (DIN =
0xB902) for a measurement range of ±150°/sec. Because this
setting can influence the filter settings, program SENS_AVG[10:8]
and then SENS_AVG[2:0] if more filtering is required.
Table 20. SENS_AVG Bit Descriptions
Bit
Description
[15:11]
Not used
[10:8]
Measurement range (sensitivity) selection
100 = ±300°/sec (default condition)
010 = ±150°/sec, filter taps ≥ 4 (Bits[2:0] ≥ 0x02)
001 = ±75°/sec, filter taps ≥ 16 (Bits[2:0] ≥ 0x04)
[7:3]
Not used
[2:0]
Number of taps in each stage, N = 2M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com