Electronic Components Datasheet Search
  English  ▼

X  

ADIS16362 Datasheet(PDF) 3 Page - Analog Devices

Part # ADIS16362
Description  Six Degrees of Freedom Inertial Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16362 Datasheet(HTML) 3 Page - Analog Devices

  ADIS16362 Datasheet HTML 1Page - Analog Devices ADIS16362 Datasheet HTML 2Page - Analog Devices ADIS16362 Datasheet HTML 3Page - Analog Devices ADIS16362 Datasheet HTML 4Page - Analog Devices ADIS16362 Datasheet HTML 5Page - Analog Devices ADIS16362 Datasheet HTML 6Page - Analog Devices ADIS16362 Datasheet HTML 7Page - Analog Devices ADIS16362 Datasheet HTML 8Page - Analog Devices ADIS16362 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADIS16362
Rev. 0 | Page 3 of 20
SPECIFICATIONS
TA = 25°C, VCC = 5.0 V, angular rate = 0°/sec, dynamic range = ±300°/sec ± 1 g, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
GYROSCOPES
Dynamic Range
±300
±350
°/sec
Initial Sensitivity
Dynamic range = ±300°/sec
0.0495
0.05
0.0505
°/sec/LSB
Dynamic range = ±150°/sec
0.025
°/sec/LSB
Dynamic range = ±75°/sec
0.0125
°/sec/LSB
Sensitivity Temperature Coefficient
−20°C ≤ TA ≤ +70°C
±50
ppm/°C
Misalignment
Reference to z-axis accelerometer
±0.05
Degrees
Axis-to-frame (package)
±0.5
Degrees
Nonlinearity
Best fit straight line
±0.1
% of FS
Initial Bias Error
±1 σ
±3
°/sec
In-Run Bias Stability
1 σ, SMPL_PRD = 0x0001
0.007
°/sec
Angular Random Walk
1 σ, SMPL_PRD = 0x0001
2.0
°/√hr
Bias Temperature Coefficient
−20°C ≤ TA ≤ +70°C
±0.01
°/sec/°C
Linear Acceleration Effect on Bias
Any axis, 1 σ (MSC_CTRL[7] = 1)
0.05
°/sec/g
Bias Voltage Sensitivity
VCC = 4.75 V to 5.25 V
±0.3
°/sec/V
Output Noise
±300°/sec range, no filtering
0.8
°/sec rms
Rate Noise Density
f = 25 Hz, ±300°/sec range, no filtering
0.044
°/sec/√Hz rms
3 dB Bandwidth
330
Hz
Sensor Resonant Frequency
14.5
kHz
Self-Test Change in Output Response
±300°/sec range setting
±696
±1400
±2449
LSB
ACCELEROMETERS
Each axis
Dynamic Range
±1.7
g
Initial Sensitivity
0.330
0.333
0.336
mg/LSB
Sensitivity Temperature Coefficient
−20°C ≤ TA ≤ +70°C
40
ppm/°C
Misalignment
Axis-to-axis, Δ = 90° ideal
±0.2
Degrees
Axis-to-frame (package)
±0.5
Degrees
Nonlinearity
Best fit straight line
±0.1
% of FS
Initial Bias Error
±1 σ
6
mg
In-Run Bias Stability
1 σ
41
μg
Velocity Random Walk
1 σ
0.09
m/sec/√hr
Bias Temperature Coefficient
−20°C ≤ TA ≤ +70°C
±0.05
mg/°C
Bias Voltage Sensitivity
VCC = 4.75 V to 5.25 V
±2.5
mg/V
Output Noise
No filtering
5
mg rms
Noise Density
No filtering
0.23
mg/√Hz rms
3 dB Bandwidth
330
Hz
Sensor Resonant Frequency
5.5
kHz
Self-Test Change in Output Response
X-axis and y-axis
505
1671
LSB
TEMPERATURE SENSOR
Scale Factor
Output = 0x0000 at 25°C (±5°C)
0.136
°C/LSB
ADC INPUT
Resolution
12
Bits
Integral Nonlinearity
±2
LSB
Differential Nonlinearity
±1
LSB
Offset Error
±4
LSB
Gain Error
±2
LSB
Input Range
0
3.3
V
Input Capacitance
During acquisition
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com