Electronic Components Datasheet Search
  English  ▼

X  

ADN4665 Datasheet(PDF) 4 Page - Analog Devices

Part # ADN4665
Description  3 V, LVDS, Quad, CMOS Differential Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4665 Datasheet(HTML) 4 Page - Analog Devices

  ADN4665 Datasheet HTML 1Page - Analog Devices ADN4665 Datasheet HTML 2Page - Analog Devices ADN4665 Datasheet HTML 3Page - Analog Devices ADN4665 Datasheet HTML 4Page - Analog Devices ADN4665 Datasheet HTML 5Page - Analog Devices ADN4665 Datasheet HTML 6Page - Analog Devices ADN4665 Datasheet HTML 7Page - Analog Devices ADN4665 Datasheet HTML 8Page - Analog Devices ADN4665 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADN4665
Rev. 0 | Page 4 of 12
TIMING CHARACTERISTICS
VCC = 3.0 V to 3.6 V, RL = 100 Ω, CL1 = 15 pF to GND, all specifications TMIN to TMAX, unless otherwise noted. All typical values are given
for VCC = 3.3 V, TA = 25°C.
Table 2.
Parameter2
Symbol
Min
Typ
Max
Unit
Conditions/Comments3, 4
AC CHARACTERISTICS
Differential Propagation Delay, High to Low
tPHLD
0.8
1.18
2.0
ns
See Figure 3 and Figure 4
Differential Propagation Delay, Low to High
tPLHD
0.8
1.25
2.0
ns
See Figure 3 and Figure 4
Differential Pulse Skew |tPHLD − tPLHD|
tSKD15
0
0.07
0.4
ns
See Figure 3 and Figure 4
Channel-to-Channel Skew
tSKD26
0
0.1
0.5
ns
See Figure 3 and Figure 4
Differential Part-to-Part Skew
tSKD37
0
1.0
ns
See Figure 3 and Figure 4
Differential Part-to-Part Skew
tSKD48
0
1.2
ns
See Figure 3 and Figure 4
Rise Time
tTLH
0.38
1.5
ns
See Figure 3 and Figure 4
Fall Time
tTHL
0.4
1.5
ns
See Figure 3 and Figure 4
Disable Time High to Inactive
tPHZ
5
ns
See Figure 5 and Figure 6
Disable Time Low to Inactive
tPLZ
5
ns
See Figure 5 and Figure 6
Enable Time Inactive to High
tPZH
7
ns
See Figure 5 and Figure 6
Enable Time Inactive to Low
tPZL
7
ns
See Figure 5 and Figure 6
Maximum Operating Frequency
fMAX9
200
250
MHz
See Figure 5 and Figure 6
RL/2
RL/2
DINx
DOUTx+
DOUTx–
VCC
VOS
VOD
NOTES
1. DRIVER IS ENABLED.
1 CL includes probe and jig capacitance.
2 AC parameters are guaranteed by design and characterization.
3 Generator waveform for all tests, unless otherwise specified: f = 50 MHz, ZO = 50 Ω, tr ≤ 1 ns, and tf ≤ 1 ns.
4 All input voltages are for one channel, unless otherwise specified. Other inputs are set to GND.
5 tSKD1 = |tPHLD − tPLHD| is the magnitude difference in differential propagation delay time between the positive-going edge and the negative-going edge of the
same channel.
6 tSKD2 is the differential channel-to-channel skew of any event on the same device.
7 tSKD3, differential part-to-part skew, is defined as the difference between the minimum and maximum specified differential propagation delays. This specification
applies to devices at the same VCC and within 5°C of each other within the operating temperature range.
8 tSKD4, part-to-part skew, is the differential channel-to-channel skew of any event between devices. This specification applies to devices over the recommended operating
temperature and voltage ranges, and across process distribution. tSKD4 is defined as |maximum − minimum| differential propagation delay.
9 fMAX generator input conditions: tr = tf < 1 ns (0% to 100%), 50% duty cycle, 0 V to 3 V. Output criteria: duty cycle = 45% to 55%, VOD > 250 mV, all channels switching.
Test Circuits and Timing Diagrams
V
V
Figure 2. Test Circuit for Driver VOD and VOS
CL
CL
DINx
DOUTx+
DOUTx–
DRIVER IS
ENABLED
NOTES
1. CL INCLUDES PROBE AND JIG CAPACITANCE.
SIGNAL
GENERATOR
VCC
50
Ω
Figure 3. Test Circuit for Driver Propagation Delay and Transition Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com