Electronic Components Datasheet Search
  English  ▼

X  

ADN4665 Datasheet(PDF) 8 Page - Analog Devices

Part # ADN4665
Description  3 V, LVDS, Quad, CMOS Differential Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4665 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADN4665 Datasheet HTML 4Page - Analog Devices ADN4665 Datasheet HTML 5Page - Analog Devices ADN4665 Datasheet HTML 6Page - Analog Devices ADN4665 Datasheet HTML 7Page - Analog Devices ADN4665 Datasheet HTML 8Page - Analog Devices ADN4665 Datasheet HTML 9Page - Analog Devices ADN4665 Datasheet HTML 10Page - Analog Devices ADN4665 Datasheet HTML 11Page - Analog Devices ADN4665 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADN4665
Rev. 0 | Page 8 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
3.0
2.5
2.0
1.5
1.0
0.5
0
01
23
456
7
RL (kΩ)
DOUTx+ = +3.3V
VCC = 3.3V
TA = 25°C
DOUTx– = –3.3V
Figure 8. Single-Ended Driver Output Voltage vs. Load Resistance
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0100
50
150
200
250
300
350
400
RL (Ω)
DOUT = +3.0V
DOUT = +3.3V
DOUT = +3.6V
DOUT = –3.0V
DOUT = –3.3V
DOUT = –3.6V
TA = 25°C
VCC = 3.0V TO 3.6V
DOUTx+
DOUTx–
Figure 9. Driver Output vs. Load Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com