Electronic Components Datasheet Search
  English  ▼

X  

ADN4665 Datasheet(PDF) 5 Page - Analog Devices

Part # ADN4665
Description  3 V, LVDS, Quad, CMOS Differential Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4665 Datasheet(HTML) 5 Page - Analog Devices

  ADN4665 Datasheet HTML 1Page - Analog Devices ADN4665 Datasheet HTML 2Page - Analog Devices ADN4665 Datasheet HTML 3Page - Analog Devices ADN4665 Datasheet HTML 4Page - Analog Devices ADN4665 Datasheet HTML 5Page - Analog Devices ADN4665 Datasheet HTML 6Page - Analog Devices ADN4665 Datasheet HTML 7Page - Analog Devices ADN4665 Datasheet HTML 8Page - Analog Devices ADN4665 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADN4665
Rev. 0 | Page 5 of 12
DINx
VDIFF
tPLHD
tPHLD
VDIFF = DOUTx+ –DOUTx–
VOH
VOL
VOD
3V
1.5V
0V (DIFFERENTIAL)
0V
80%
20%
0V
DOUTx+
DOUTx–
tTLH
tTHL
Figure 4. Driver Propagation Delay and Transition Time Waveforms
SIGNAL
GENERATOR
NOTES
1. CL INCLUDES LOAD AND TEST JIG CAPACITANCE.
2. S1 CONNECTED TO VCC FOR tPHZ AND tPZH TEST.
3. S1 CONNECTED TO GND FOR
tPLZ AND tPZL TEST.
VCC
VCC
S1
50
Ω
50
Ω
50
Ω
1.2V
DINx
DOUTx+
DOUTx–
CL
CL
EN
EN
Figure 5. Test Circuit for Driver Three-State Delay
DOUTx+ WITH DINx = VCC
OR DOUTx– WITH DINx = GND
DOUTx+ WITH DINx = GND
OR DOUTx– WITH DINx = VCC
3V
1.5V
50%
50%
0V
3V
1.5V
0V
VOH
VOL
1.2V
1.2V
EN WITH EN = GND
OR OPEN CIRCUIT
EN WITH EN = VCC
tPZH
tPHZ
tPLZ
tPZL
Figure 6. Driver Three-State Delay Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com