Electronic Components Datasheet Search
  English  ▼

X  

ADN4665 Datasheet(PDF) 6 Page - Analog Devices

Part # ADN4665
Description  3 V, LVDS, Quad, CMOS Differential Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4665 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADN4665 Datasheet HTML 2Page - Analog Devices ADN4665 Datasheet HTML 3Page - Analog Devices ADN4665 Datasheet HTML 4Page - Analog Devices ADN4665 Datasheet HTML 5Page - Analog Devices ADN4665 Datasheet HTML 6Page - Analog Devices ADN4665 Datasheet HTML 7Page - Analog Devices ADN4665 Datasheet HTML 8Page - Analog Devices ADN4665 Datasheet HTML 9Page - Analog Devices ADN4665 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADN4665
Rev. 0 | Page 6 of 12
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VCC to GND
−0.3 V to +4 V
Input Voltage (DINx) to GND
−0.3 V to VCC + 0.3 V
Enable Input Voltage (EN, EN) to GND
−0.3 V to VCC + 0.3 V
Output Voltage (DOUTx+, DOUTx−) to GND
−0.3 V to VCC + 0.3 V
Short-Circuit Duration (DOUTx+, DOUTx−) to GND
Continuous
Industrial Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ max)
150°C
Power Dissipation
(TJ max − TA)/θJA
θJA Thermal Impedance
TSSOP Package
150.4°C/W
SOIC Package
125°C/W
Reflow Soldering Peak Temperature (10 sec)
260°C max
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com