Electronic Components Datasheet Search
  English  ▼

X  

SP6669 Datasheet(PDF) 3 Page - Exar Corporation

Part # SP6669
Description  1.5MHZ, 600mA SYNCHRONOUS STEP DOWN CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6669 Datasheet(HTML) 3 Page - Exar Corporation

  SP6669 Datasheet HTML 1Page - Exar Corporation SP6669 Datasheet HTML 2Page - Exar Corporation SP6669 Datasheet HTML 3Page - Exar Corporation SP6669 Datasheet HTML 4Page - Exar Corporation SP6669 Datasheet HTML 5Page - Exar Corporation SP6669 Datasheet HTML 6Page - Exar Corporation SP6669 Datasheet HTML 7Page - Exar Corporation SP6669 Datasheet HTML 8Page - Exar Corporation SP6669 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ELECTRICAL CHARACTERISTICS
Rev G – 12/02/2008
SP6669 1.5MHz 0.6A Sync. Step Down Converter © 2008 Exar Corporation
3/10
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for
prolonged time periods may affect device reliability. All voltages are with respect to ground.
Input Voltage VIN ..........................-0.3V to 6V
EN VFB Voltage ............................ -0.3V to VIN
SW Voltage.................... -0.3V to (VIN + 0.3V)
PMOS Switch Source Current (DC) ........800mA
NMOS Switch Sink Current (DC) ...........800mA
Peak Switch Sink and Source Current ....... 1.3A
Operating Junction Temp. (Note 1)......... 125ºC
Storage Temp. Range TSTG ....... -65ºC to 150ºC
Lead Temperature (sold. 10s) TLEAD ........ 300ºC
Thermal Resistance
RθJA ............................................... 250ºC/W
RθJC .................................................90ºC/W
Note 1: TJ is a function of the ambient temperature TA and power dissipation PD (TJ= TA + PD x 250°C/W).
Recommended Operating Conditions
Operating Temperature TOP ....... -40ºC to 85 ºC
Input voltage VIN......................... 2.5V to 5.5V
VIN=3.6V, TA=25ºC, unless otherwise specified – Boldface characters apply over the full temperature range.
Parameter
Symbol
Conditions
Min
Typ.
Max
Unit
Feedback Current
IVFB
±30
nA
Regulated Feedback Voltage
VFB
TA=25°C
0.588
0.600
0.612
V
Reference Voltage Line
Regulation
ΔVFB
VIN=2.5V to 5.5V
0.4
%/V
Output Voltage Accuracy
ΔVOUT%
-3
+3
%
ΔVOVL = VOVL – VFB (Adj.)
20
50
80
mV
Output Over-Voltage
Lockout
ΔVOVL
ΔVOVL = VOVL – VOUT (Fixed)
2.5
7.8
13
%
Output Voltage Line
Regulation
ΔVOUT
VIN=2.5V to 5.5V
0.4
%/V
Peak Inductor Current
IPK
VIN=3V, VFB=0.5V or
VOUT=90%, Duty cycle <35%
1.0
A
Output Voltage Load
Regulation
VLOADREG
0.5
%
Quiescent Current (Note 2)
IQ
VFB=0.5V or VOUT=90%
200
340
µA
Shutdown Current
ISHTDWN
VEN=0V, VIN=4.2V
0.1
1
µA
VFB=0.6V or VOUT=100%
1.2
1.5
1.8
MHz
Oscillator Frequency
fosc
VFB=0V or VOUT=0V
290
kHz
RDS(ON) of PMOS
RPFET
ISW=100mA
0.45
0.55
Ω
RDS(ON) of NMOS
RNFET
ISW=100mA
0.40
0.50
Ω
SW Leakage
ILSW
VEN=0V, VSW=0V or 5V,
VIN=5V
±1
µA
Enable Threshold
1.2
V
Shutdown Threshold
VEN
0.4
V
EN Leakage Current
IEN
±1
µA
Note 1: The Switch Current Limit is related to the Duty Cycle. Please refer to figure 15 for details.
Note 2: Dynamic quiescent current is higher due to the gate charge being delivered at the switching frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com