Electronic Components Datasheet Search
  English  ▼

X  

SP6669 Datasheet(PDF) 5 Page - Exar Corporation

Part # SP6669
Description  1.5MHZ, 600mA SYNCHRONOUS STEP DOWN CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6669 Datasheet(HTML) 5 Page - Exar Corporation

  SP6669 Datasheet HTML 1Page - Exar Corporation SP6669 Datasheet HTML 2Page - Exar Corporation SP6669 Datasheet HTML 3Page - Exar Corporation SP6669 Datasheet HTML 4Page - Exar Corporation SP6669 Datasheet HTML 5Page - Exar Corporation SP6669 Datasheet HTML 6Page - Exar Corporation SP6669 Datasheet HTML 7Page - Exar Corporation SP6669 Datasheet HTML 8Page - Exar Corporation SP6669 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ELECTRICAL CHARACTERISTICS
Rev G – 12/02/2008
SP6669 1.5MHz 0.6A Sync. Step Down Converter © 2008 Exar Corporation
5/10
Fig. 8: RDS(ON) vs Temperature
Fig. 9: RDS(ON) vs Input Voltage
Fig. 10: Dynamic Supply Current
vs Temperature
Fig. 11: Dynamic Supply Current
vs Supply Voltage
Fig. 12: Oscillator Frequency vs Temperature
Fig. 13: Oscillator Frequency vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com